Electronic Components Datasheet Search
  English  ▼

X  

LMXSD Datasheet(PDF) 3 Page - AVX Corporation

Part # LMXSD
Description  Magnetically shielded against radiation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXSD Datasheet(HTML) 3 Page - AVX Corporation

  LMXSD Datasheet HTML 1Page - AVX Corporation LMXSD Datasheet HTML 2Page - AVX Corporation LMXSD Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
22
LMax SMD Power Inductor
LMXS Series – Shielded Style D
1915
Codes
L
Tolerance
Test
DCR
SRF ref
IDC
I rms
(μH)
Condition
(Ω) max.
(MHz)
(A) max.
(A) max.
100
10
M
100KHz, 0.1V
0.040
30
8.0
3.9
150
15
M
100KHz, 0.1V
0.048
20
7.00
3.4
220
22
M
100KHz, 0.1V
0.059
18
6.00
3.1
330
33
M
100KHz, 0.1V
0.075
14
5.00
2.8
470
47
M
100KHz, 0.1V
0.097
10
4.00
2.4
680
68
M
100KHz, 0.1V
0.138
9.0
3.00
2.0
101
100
M
100KHz, 0.1V
0.207
7.0
2.40
1.7
151
150
M
100KHz, 0.1V
0.293
6.0
2.10
1.3
221
220
M
100KHz, 0.1V
0.470
5.0
1.90
1.1
331
330
M
100KHz, 0.1V
0.780
4.0
1.10
0.86
471
470
M
100KHz, 0.1V
1.080
3.0
1.10
0.73
681
680
M
100KHz, 0.1V
1.400
2.5
0.96
0.64
102
1000
M
100KHz, 0.1V
2.010
2.0
0.80
0.53



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com