Electronic Components Datasheet Search
  English  ▼

X  

LMXSF Datasheet(PDF) 3 Page - AVX Corporation

Part # LMXSF
Description  Magnetically Shielded Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXSF Datasheet(HTML) 3 Page - AVX Corporation

  LMXSF Datasheet HTML 1Page - AVX Corporation LMXSF Datasheet HTML 2Page - AVX Corporation LMXSF Datasheet HTML 3Page - AVX Corporation LMXSF Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
25
07E7
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
3R3
3.3
M
100KHz, 1.0V
0.024
2.30
4R7
4.7
M
100KHz, 1.0V
0.036
2.00
6R8
6.8
M
100KHz, 1.0V
0.047
1.70
100
10
M
100KHz, 1.0V
0.045
1.30
150
15
M
100KHz, 1.0V
0.063
1.10
220
22
M
100KHz, 1.0V
0.075
0.90
330
33
M
100KHz, 1.0V
0.120
0.82
470
47
M
100KHz, 1.0V
0.150
0.75
680
68
M
100KHz, 1.0V
0.210
0.60
101
100
M
100KHz, 1.0V
0.300
0.50
151
150
M
100KHz, 1.0V
0.410
0.40
221
220
M
100KHz, 1.0V
0.624
0.33
331
330
M
100KHz, 1.0V
0.890
0.25
471
470
M
100KHz, 1.0V
1.260
0.22
681
680
M
100KHz, 1.0V
1.780
0.20
102
1000
M
100KHz, 1.0V
2.740
0.14
1010
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
100
10
M
100KHz, 1.0V
0.044
2.50
150
15
M
100KHz, 1.0V
0.057
2.20
220
22
M
100KHz, 1.0V
0.071
1.90
330
33
M
100KHz, 1.0V
0.100
1.60
470
47
M
100KHz, 1.0V
0.120
1.40
680
68
M
100KHz, 1.0V
0.170
1.20
101
100
M
100KHz, 1.0V
0.240
1.00
151
150
M
100KHz, 1.0V
0.420
0.79
221
220
M
100KHz, 1.0V
0.570
0.65
331
330
M
100KHz, 1.0V
0.820
0.54
471
470
M
100KHz, 1.0V
1.240
0.47
681
680
M
100KHz, 1.0V
1.920
0.38
102
1000
M
100KHz, 1.0V
3.360
0.29
152
1500
M
100KHz, 1.0V
4.080
0.22
1313
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
6R0
6
M
100KHz,1.0V
0.020
3.60
100
10
M
100KHz,1.0V
0.026
3.40
150
15
M
100KHz,1.0V
0.032
2.80
220
22
M
100KHz,1.0V
0.041
2.30
330
33
M
100KHz,1.0V
0.050
1.90
470
47
M
100KHz,1.0V
0.075
1.60
680
68
M
100KHz,1.0V
0.100
1.30
101
100
M
100KHz,1.0V
0.140
1.10
151
150
M
100KHz,1.0V
0.230
0.88
221
220
M
100KHz,1.0V
0.330
0.72
331
330
M
100KHz,1.0V
0.500
0.59
471
470
M
100KHz,1.0V
0.630
0.49
681
680
M
100KHz,1.0V
0.920
0.43
102
1000
M
100KHz,1.0V
1.350
0.34
152
1500
M
100KHz,1.0V
2.080
0.29
LMax SMD Power Inductor
LMXS Series – Shielded Style F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com