Electronic Components Datasheet Search
  English  ▼

X  

ND03 Datasheet(PDF) 3 Page - AVX Corporation

Part # ND03
Description  Alarm and temperature measurement application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

ND03 Datasheet(HTML) 3 Page - AVX Corporation

  ND03 Datasheet HTML 1Page - AVX Corporation ND03 Datasheet HTML 2Page - AVX Corporation ND03 Datasheet HTML 3Page - AVX Corporation ND03 Datasheet HTML 4Page - AVX Corporation ND03 Datasheet HTML 5Page - AVX Corporation ND03 Datasheet HTML 6Page - AVX Corporation ND03 Datasheet HTML 7Page - AVX Corporation ND03 Datasheet HTML 8Page - AVX Corporation ND03 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
NTC Disc Thermistors
ND/NE/NV 06
Part Number
Rn at 25°C (Ω)
Material Code
B (K)
at 25°C (%/°C)
( B/B
)
N_06J00151
150
N_06J00221
220
J
3480 (2)
– 3.9
N_06K00331
330
N_06K00471
470
K
3630 (2)
– 4.0
N_06L00681
680
L
3790 (2)
– 4.2
N_06L00102
1,000
N_06M00152
1,500
M
3950 (2)
– 4.4
N_06N00222
2,200
N_06N00332
3,300
N
4080 (2)
– 4.6
N_06P00472
4,700
N_06P00682
6,800
P
4220 (2)
– 4.7
N_06P00103
10,000
N_06Q00153
15,000
Q
4300 (2)
– 4.7
N_06Q00223
22,000
N_06R00333
33,000
R
4400 (2)
– 4.8
N_06S00473
47,000
S
4520 (2)
– 5.0
N_06S00683
68,000
N_06T00104
100,000
T
4630 (2)
– 5.1
N_06U00154
150,000
N_06U00224
220,000
U
4840 (2)
– 5.3
N_06U00334
330,000
(1) ± 5%
(2) ± 3%
6.3 (.248) max
3.5 (.138) max
ø 0.6 (.024)
+10%
-0.05
5.08 (0.2)
TABLE OF VALUES
ND06/NE06/NV06
NV06
6.3 (.248) max
4 (.157) max
ø 0.6 (.024)
+10%
-0.05
5.08 (0.2)
ND06/NE06
For other resistance values, please consult us.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com