Electronic Components Datasheet Search
  English  ▼

X  

LR1142 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1142
Description  HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1142 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1142 Datasheet HTML 1Page - Unisonic Technologies LR1142 Datasheet HTML 2Page - Unisonic Technologies LR1142 Datasheet HTML 3Page - Unisonic Technologies LR1142 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1142
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R102-093.B
HIGH PSRR, LOW DROPOUT,
500mA ADJUSTABLE LDO
REGULATOR
DESCRIPTION
The UTC LR1142 is a CMOS-based 500mA voltage regulator
with low supply current, low dropout, adjustable output voltage, The
device offering high PSRR and low dropout. The quiescent current
is as low as 35μA, further prolonging the battery life. The UTC
LR1142
also works with low-ESR ceramic capacitors, reducing the
amount of board space necessary for power applications, critical in
handheld wireless devices.
The UTC LR1142 consumes typical 0.7μA in shutdown mode.
The other features include low dropout voltage, high output
accuracy, current limit protection, and enable/shutdown control.
FEATURES
* Wide operating voltage range: 2.5V~5.5V
* Adjustable output voltage
* Enable/shutdown control
* Low-noise for RF application
* Ultra-Fast response in line/load transient
* Current limit protection
* Output only 1μF capacitor required for stability
* High power supply rejection ratio
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR1142L-xx-AE5-A-R
LR1142G-xx-AE5-A-R
SOT-23-5
Tape Reel
LR1142L-xx-AE5-B-R
LR1142G-xx-AE5-B-R
SOT-23-5
Tape Reel
LR1142L-xx-AF5-A-R
LR1142G-xx-AF5-A-R
SOT-25
Tape Reel
LR1142L-xx-AF5-B-R
LR1142G-xx-AF5-B-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1142

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1143G-XX-AF5-R UTC-LR1143G-XX-AF5-R Datasheet
165Kb / 4P
High power supply rejection ratio
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
600mA LOW DROPOUT LINEAR REGULATOR
LR1148G-AD-AF5-R UTC-LR1148G-AD-AF5-R Datasheet
233Kb / 4P
600mA LOW DROPOUT LINEAR REGULATOR
LR1148L-AD-AF5-R UTC-LR1148L-AD-AF5-R Datasheet
233Kb / 4P
600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR1142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
New Japan Radio
NJW4186-T1 NJRC-NJW4186-T1 Datasheet
430Kb / 15P
High Voltage Io=500mA Adjustable Low Dropout Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com