Electronic Components Datasheet Search
  English  ▼

X  

SLIN-12F2AX Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # SLIN-12F2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-12F2AX Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button SLIN-12F2AX Datasheet HTML 9Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 10Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 11Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 12Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 13Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 14Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 15Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 16Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302  Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
13
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
Jul. 17, 2015
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Safety Considerations
For safety agency approval the power module must be installed in compliance with the spacing and separation
requirements of the end-use safety agency standards, i.e., UL 60950-1, CSA C22.2 No. 60950-1-03, and VDE
0850:2001-12 (EN60950-1) Licensed.
For the converter output to be considered meeting the requirements of safety extra-low voltage (SELV), the input
must meet SELV requirements. The power module has extra-low voltage (ELV) outputs when all inputs are ELV.
Remote On/Off
Parameter
Min
Typ
Max
Unit
Notes
Signal Low (Unit On)
Active Low
-0.2
-
Vin-1.6
V
The remote on/off pin open, Unit on.
Signal High (Unit Off)
Vin-0.8
-
Vin,max
V
Signal Low (Unit Off)
Active High
-0.2
-
0.3
V
The remote on/off pin open, Unit on.
Signal High (Unit On)
Vin-0.8
-
Vin,max
V
The SLIN-12F2Ax modules feature an On/Off pin for remote On/Off operation. Two On/Off logic options are
available. In the Positive Logic On/Off option, the module turns ON during a logic High on the On/Off pin and
turns OFF during a logic Low. With the Negative Logic On/Off option, the module turns OFF during logic High
and ON during logic Low. The On/Off signal is always referenced to ground. For either On/Off logic option,
leaving the On/Off pin disconnected will turn the module ON when input voltage is present.
For positive logic modules, the circuit configuration for using the On/Off pin is shown in Figure A below. When the
external transistor Q1 is in the OFF state, Q2 is ON, the internal PWM Enable signal is pulled low and the module
is ON. When transistor Q1 is turned ON, the On/Off pin is pulled low, Q2 is turned off and the internal PWM
Enable signal is pulled high through the 23.7K pull-up resistor and the module is OFF.
For negative logic On/Off modules, the circuit configuration is shown in Figure B below. The On/Off pin should be
pulled high with an external pull-up resistor (suggested value for the 2.4V to 5.5Vin range is 3Kohms). When
transistor Q1 is in the OFF state, the On/Off pin is pulled high and the module is OFF. The On/Off threshold for
logic High on the On/Off pin depends on the input voltage and its minimum value is VIN – 1.6V. To turn the
module ON, Q1 is turned ON pulling the On/Off pin low.
Fig. A
Fig. B
23.7K
Q1
GND
PWM Enable
ON/OFF
VIN+
ON/OFF
_
+
I
V
MODULE
ON/OFF
Q2
20K
470
20K
60.4K
Q1
GND
PWM Enable
ON/OFF
VIN+
ON/OFF
_
+
V
I
MODULE
Rpullup
ON/OFF
R2
20K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com