Electronic Components Datasheet Search
  English  ▼

X  

2SA1349 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2SA1349
Description  SILICON PNP EPITAXIAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SA1349 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2SA1349 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SA1349 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SA1349 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A1349)
500
300
100
- -
. -
30 -
10 =
0.5
-0. 1
- 1
- 3
-1 0
-3 0
-10 0
“0
- 2
-4
-6
-8
-10
-1 2
-1 4
-1 6
3
(sat)
-0. 3
iiiiit i
ni-
.
-0. 4
-0. 6
-0. 8
-1. 0
-1.2
-1. 4
-0. 3
- 1
- 3
-1 0
-3 0
-10 0
1
500
- -
300
1
50
30
Ta = 25°C
I
I
I
I I
I I III
100
5
3
I
I
I
I I I
I
1
-0. 3
- 1
- 3
-1 0
-3 0
-10 0
190



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com