Electronic Components Datasheet Search
  English  ▼

X  

FSA221 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA221
Description  High-Speed Audio Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA221 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA221 Datasheet HTML 1Page - ON Semiconductor FSA221 Datasheet HTML 2Page - ON Semiconductor FSA221 Datasheet HTML 3Page - ON Semiconductor FSA221 Datasheet HTML 4Page - ON Semiconductor FSA221 Datasheet HTML 5Page - ON Semiconductor FSA221 Datasheet HTML 6Page - ON Semiconductor FSA221 Datasheet HTML 7Page - ON Semiconductor FSA221 Datasheet HTML 8Page - ON Semiconductor FSA221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
March 2013
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA221 • Rev. 1.1.0
FSA221
— USB2.0 High-Speed (480Mbps) and
Audio Switches with Negative Signal Capability
Features
HS-USB: 4Ω Typical On Resistance
HS-USB: 4.5pF Typical On Capacitance
Audio: 3Ω Typical On Resistance
-3db Bandwidth: > 720MHz
Low Power Consumption
Power-off Protection on Common D+/R, D-/L Ports
Automatically Detects V
bus for Switch Path
Selection
Applications
Cell Phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
Description
The FSA221 is a Double-Pole, Double Throw (DPDT)
multiplexer that combines a low-distortion audio and a
USB2.0
High-Speed
(HS)
switch
path.
This
configuration enables audio and USB data to share a
common connector port. The architecture is designed to
allow audio signals to swing below ground. This means
a common USB and headphone jack can be used for
personal media players and portable peripheral devices.
Since USB2.0 is an industry standard for shared data-
path in portable devices, the FSA221 also incorporates
a Vbus detection capability. The FSA221 includes a
power-off feature to minimize current consumption when
Vbus is not present. This power-off circuitry is available
for the common D+/R, D-/L ports only. Typical
applications
involve
switching
in
portables
and
consumer applications, such as cell phones, digital
cameras, and notebooks with hubs or controllers.
Ordering Information
Part Number
Package Number
Top Mark
Package Description
FSA221L10X
MAC10A
GK
10-Lead MicroPak
™, JEDEC MO-255, 1.6 x 2.1mm
FSA221MUX
MUA10A
FSA221
10-Lead MSOP JEDEC MO-187, 3.0 mm Wide
FSA221UMX
UMLP10A
GL
10-Lead Quad, Ultrathin MLP, 1.4 x 1.8mm
Figure 1.
Analog Symbol
Vbus
VAUDIO
Switch Select
Control Circuitry
D+/R
D-/L
D+
-
ASel
Rpd
GND
D+
R
D -
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com