Electronic Components Datasheet Search
  English  ▼

X  

FSA223 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA223
Description  High-Speed Audio Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA223 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA223 Datasheet HTML 1Page - ON Semiconductor FSA223 Datasheet HTML 2Page - ON Semiconductor FSA223 Datasheet HTML 3Page - ON Semiconductor FSA223 Datasheet HTML 4Page - ON Semiconductor FSA223 Datasheet HTML 5Page - ON Semiconductor FSA223 Datasheet HTML 6Page - ON Semiconductor FSA223 Datasheet HTML 7Page - ON Semiconductor FSA223 Datasheet HTML 8Page - ON Semiconductor FSA223 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA223 • Rev. 1.0.4
3
Functional Description
The FSA223 is a combined USB and audio switch
that enables sharing the D+/D- lines of a USB
connector with stereo audio CODEC outputs. The
switch is optimized for high-speed USB signals and
includes an automatic VCC-detection circuit. The
FSA223 detects the presence of VCC and defaults to
USB mode. Both the USB and audio switch paths
also handle negative signals, which eliminates the
need for large coupling capacitors.
The ASel pin is internally terminated by a resistor to
GND (typical value: 3 MΩ) and results in a default
USB connection. For optimal performance, VCC
should be connected directly to the device battery.
Application Diagram
V
CC
V
audio
Switch Select
Control Circuitry
D+/R
D-/L
D+
R
D-
L
A
Sel
Rpd
GND
GND
Audio
CODEC
2.7V - 5.5V
USB
Mini -AB
Connector
ID
USB 2.0
Source
2.7V - 5.5V
Figure 5.
Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com