Electronic Components Datasheet Search
  English  ▼

X  

FSA223MUX Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSA223MUX
Description  High-Speed Audio Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA223MUX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSA223MUX Datasheet HTML 3Page - ON Semiconductor FSA223MUX Datasheet HTML 4Page - ON Semiconductor FSA223MUX Datasheet HTML 5Page - ON Semiconductor FSA223MUX Datasheet HTML 6Page - ON Semiconductor FSA223MUX Datasheet HTML 7Page - ON Semiconductor FSA223MUX Datasheet HTML 8Page - ON Semiconductor FSA223MUX Datasheet HTML 9Page - ON Semiconductor FSA223MUX Datasheet HTML 10Page - ON Semiconductor FSA223MUX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA223 • Rev. 1.0.4
6
AC Electrical Characteristics
VAudio supply=2.7 V unless otherwise specified.
Symbol
Parameter
VCC (V)
Conditions
TA=- 40°C to +85°C
Unit
Min.
Typ. Max.
tONAUDIO2
Turn-On Time ASel to Output
3.0 to 4.3
(10)
VD+/R, D-/L=1.0 V; RL=50
Ω;
CL=50pF, Figure 14, Figure 15
2
μs
tOFFAUDIO2
Turn-Off Time ASel to Output
3.0 to 4.3
(10)
VD+/R, D-/L=1.0 V; RL=50
Ω;
CL=50pF, Figure 14, Figure 15
2
μs
tPDUSB
USB Switch Propagation
Delay
(10)
3.6
RL=50
Ω; C
L=0 pF
Figure 17
0.25
ns
XtalkA
Non-Adjacent Channel
Crosstalk - Audio
3.0 to 4.3
(10)
f=20 kHz; RT=32
Ω; C
L=0 pF
Figure 22
-110
dB
BW
-3db Bandwidth - USB
3.0 to 4.3
(10)
RT=50
Ω, C
L=0 pF, Signal 0 dBm
Figure 20
720
MHz
THD
Total Harmonic Distortion
3.0 to 4.3
(10)
f=20 Hz to 20 kHz; RL=32
Ω,
VIN=2 Vpp, Figure 25
0.1
%
Note:
10. Guaranteed by characterization, not production tested.
USB High-Speed-Related AC Electrical Characteristics
VAudio supply=2.7 V unless otherwise specified.
Symbol
Parameter
VCC (V)
Conditions
TA=- 40°C to +85°C
Unit
Min.
Typ. Max.
tSK(o)
Channel-to-Channel Skew
(11)
3.0 to 4.3
(11)
tR=tF=750 ps (10-90%) at 240 MHz
CL=0 pF, RL=50
Ω
Figure 18, Figure 19
35
ps
tSK(P)
Skew of Opposite Transitions of
the Same Output
(11)
3.0 to 4.3
(11)
tR=tF=750 ps (10-90%) at 240 MHz
CL=0 pF, RL=50
Ω
Figure 18, Figure 19
35
tJ
Total Jitter
(11)
3.0 to 4.3
(11)
RL=50
Ω, C
L=50 pF, tR=tF=500 ps
(10-90%) at 480 Mbps (PRBS=2
15 – 1)
130
ps
Note:
11. Guaranteed by characterization, not production tested.
Capacitance
(12)
VAudio supply=3.0V unless otherwise specified.
Symbol
Parameter
VCC (V)
Condition
TA=- 40°C to +85°C
Unit
Min. Typ. Max.
CIN (ASel)
Control Pin Input Capacitance
(ASel)
VCC=3.0 V, 4.3 V VBias=0.05 V
2.0
pF
CON(D+/R, D-/L)
D+/R, D-/L (Source Port) On
Capacitance
VCC=3.0 V, 4.3 V
ASel=0V (CONUSB)
VBias=0.2 V; f=240 MHz
Figure 24
4.5
6.0
pF
VCC=3.0 V, 4.3 V
ASel=3.0 V
(CONAudio)
VBias=0.2 V; f=1 MHz
Figure 24
9.0
COFF(D+, D-)
USB Input Source Off
Capacitance
VCC=3.0 V, 4.3 V
ASel=3.0 V
f=1 MHz
Figure 23
1.5
pF
COFF(R/L)
Audio Input Source Off
Capacitance
VCC=3.0 V, 4.3 V
ASel=0 V
f=1MHz
Figure 23
3.0
pF
Note:
12. Guaranteed by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com