Electronic Components Datasheet Search
  English  ▼

X  

FSA2467 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSA2467
Description  Low-Voltage Dual DPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2467 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSA2467 Datasheet HTML 2Page - ON Semiconductor FSA2467 Datasheet HTML 3Page - ON Semiconductor FSA2467 Datasheet HTML 4Page - ON Semiconductor FSA2467 Datasheet HTML 5Page - ON Semiconductor FSA2467 Datasheet HTML 6Page - ON Semiconductor FSA2467 Datasheet HTML 7Page - ON Semiconductor FSA2467 Datasheet HTML 8Page - ON Semiconductor FSA2467 Datasheet HTML 9Page - ON Semiconductor FSA2467 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2467 Rev. 1.0.8
5
AC Electrical Characteristics
Typical values are at 25ºC unless otherwise specified.
Symbol
Parameter
Condition
VCC
TA = +25ºC
TA = -40 to
+85ºC
Unit
Figure
Min.
Typ.
Max.
Min.
Max.
tON
Turn-On Time
nB0 or nB1=1.5V
3.6 to 4.3
50
60
ns
Figure 8
RL
=50Ω, C
L=35pF
2.7 to 3.6
65
75
2.3 to 2.7
80
90
tOFF
Turn-Off Time
nB0 or nB1=1.5V
3.6 to 4.3
32
40
ns
Figure 8
RL
=50Ω, C
L=35pF
2.7 to 3.6
42
50
2.3 to 2.7
52
60
tBBM
Break-Before-
Make Time
nB0 or nB1=1.5V
3.6 to 4.3
12
ns
Figure 9
RL
=50Ω, C
L=35pF
2.7 to 3.6
15
2.3 to 2.7
20
Q
Charge Injection
CL=100pF,
VGEN=0V, RGEN
=0Ω
3.6 to 4.3
15
pC
Figure 11
CL=100pF,
VGEN=0V, RGEN
=0Ω
2.7 to 3.6
10
CL=100pF,
VGEN=0V, RGEN
=0Ω
2.3 to 2.7
8
OIRR
Off Isolation
f=100KHz,
RL
=50Ω,C
L=5pF
3.6 to 4.3
-75
dB
Figure 10
2.7 to 3.6
-75
2.3 to 2.7
-75
Xtalk
Crosstalk
f=100KHz, RL
=50Ω,
CL=5pF
3.6 to 4.3
-75
dB
Figure 10
2.7 to 3.6
-75
2.3 to 2.7
-75
BW
-3dB Bandwidth
RL
=50Ω
2.3 to 4.3
85
MHZ
Figure 13
THD
Total Harmonic
Distortion
RL
=32Ω, V
IN=2VPP,
f=20 to 20kHZ
3.6 to 4.3
0.02
%
Figure 14
RL
=32Ω, V
IN=2VPP,
f=20 to 20kHZ
2.7 to 3.6
0.02
RL
=32Ω, V
IN=2VPP,
f=20 to 20kHZ
2.3. to 2.7
0.02
Capacitance
Symbol
Parameter
Condition
VCC
TA = +25ºC Typical
Unit
Figure
CIN
Control Pin Input Capacitance
f=1MHZ
0
1.5
pF
Figure 8
COFF
B Port Off Capacitance
f=1MHZ
3.3
32
pF
Figure 8
CON
A Port On Capacitance
f=1MHZ
3.3
118
pF
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com