Electronic Components Datasheet Search
  English  ▼

X  

2SC3901 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC3901
Description  PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3901 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC3901 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3901 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2SC3901

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
Switching Applications
2SC3902 SANYO-2SC3902 Datasheet
130Kb / 4P
160V/1.5A Switching Applications
logo
Inchange Semiconductor ...
2SC3902 ISC-2SC3902 Datasheet
85Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC3902 SAVANTIC-2SC3902 Datasheet
175Kb / 4P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SC3902 SANYO-2SC3902 Datasheet
66Kb / 5P
160V / 1.5A Switching Applications
More results

Similar Description - 2SC3901

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MMBT5451DW SEMTECH_ELEC-MMBT5451DW Datasheet
410Kb / 6P
NPN/PNP Silicon Epitaxial Planar Transistors
logo
DONGGUAN YOU FENG WEI E...
MMBT3946DW YFWDIODE-MMBT3946DW Datasheet
636Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com