Electronic Components Datasheet Search
  English  ▼

X  

AM574X Datasheet(PDF) 2 Page - Texas Instruments

Part # AM574X
Description  Sitara Processors Silicon Revision 1.0
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM574X Datasheet(HTML) 2 Page - Texas Instruments

  AM574X Datasheet HTML 1Page - Texas Instruments AM574X Datasheet HTML 2Page - Texas Instruments AM574X Datasheet HTML 3Page - Texas Instruments AM574X Datasheet HTML 4Page - Texas Instruments AM574X Datasheet HTML 5Page - Texas Instruments AM574X Datasheet HTML 6Page - Texas Instruments AM574X Datasheet HTML 7Page - Texas Instruments AM574X Datasheet HTML 8Page - Texas Instruments AM574X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 448 page
background image
2
AM5749, AM5748, AM5746
SPRS982F – DECEMBER 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5749 AM5748 AM5746
Device Overview
Copyright © 2016–2018, Texas Instruments Incorporated
• Up to 247 General-Purpose I/O (GPIO) Pins
• Power, Reset, and Clock Management
• On-Chip Debug With CTools Technology
• 28-nm CMOS Technology
• 23 mm × 23 mm, 0.8-mm Pitch, 760-Pin BGA
(ABZ)
1.2
Applications
•
Industrial Communication
•
Human Machine Interface (HMI)
•
Automation and Control
•
High Performance Applications
•
Other General Use
1.3
Description
AM574x Sitara Arm applications processors are built to meet the intense processing needs of modern
embedded products.
AM574x devices bring high processing performance through the maximum flexibility of a fully integrated
mixed processor solution. The devices also combine programmable video processing with a highly
integrated peripheral set. Cryptographic acceleration is available in every AM574x device.
Programmability is provided by dual-core Arm Cortex-A15 RISC CPUs with Neon™ extension, and two TI
C66x VLIW floating-point DSP cores. The Arm allows developers to keep control functions separate from
other algorithms programmed on the DSPs and coprocessors, thus reducing the complexity of the system
software.
Additionally, TI provides a complete set of development tools for the Arm and C66x DSP, including C
compilers, a DSP assembly optimizer to simplify programming and scheduling, and a debugging interface
for visibility into source code execution.
Cryptographic acceleration is available in all devices. All other supported security features, including
support for secure boot, debug security and support for trusted execution environment are available on
High-Security (HS) devices. For more information about HS devices, contact your TI representative.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
AM5746
FCBGA (760)
23.0 mm × 23.0 mm
AM5748
FCBGA (760)
23.0 mm × 23.0 mm
AM5749
FCBGA (760)
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com