Electronic Components Datasheet Search
  English  ▼

X  

CS30-16IO1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS30-16IO1
Description  Thyristor Single Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS30-16IO1 Datasheet(HTML) 1 Page - IXYS Corporation

  CS30-16IO1 Datasheet HTML 1Page - IXYS Corporation CS30-16IO1 Datasheet HTML 2Page - IXYS Corporation CS30-16IO1 Datasheet HTML 3Page - IXYS Corporation CS30-16IO1 Datasheet HTML 4Page - IXYS Corporation CS30-16IO1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CS30-16io1
Single Thyristor
Thyristor
2
1
3
Part number
CS30-16io1
Backside: anode
TAV
T
V
V
1,3
RRM
30
1600
=
V
=
V
I
=
A
Features / Advantages:
Applications:
Package:
●
Thyristor for line frequency
●
Planar passivated chip
●
Long-term stability
●
Line rectifying 50/60 Hz
●
Softstart AC motor control
●
DC Motor control
●
Power converter
●
AC power control
●
Lighting and temperature control
TO-247
●
Industry standard outline
●
RoHS compliant
●
Epoxy meets UL 94V-0
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact the sales office, which is responsible for you.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact the sales office, which is responsible for you.
Should you intend to use the product in aviation, in health or live endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms Conditions of usage:
IXYS reserves the right to change limits, conditions and dimensions.
20150827b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved


Similar Part No. - CS30-16IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS30-16IO1 IXYS-CS30-16IO1 Datasheet
57Kb / 3P
Phase Control Thyristor
More results

Similar Description - CS30-16IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CMA40E1600HR IXYS-CMA40E1600HR Datasheet
421Kb / 5P
Thyristor Single Thyristor
CMA50E1600HB IXYS-CMA50E1600HB Datasheet
401Kb / 5P
Thyristor Single Thyristor
CMA50E1600QB IXYS-CMA50E1600QB Datasheet
349Kb / 5P
Thyristor Single Thyristor
CS20-14IO1 IXYS-CS20-14IO1 Datasheet
390Kb / 5P
Thyristor Single Thyristor
CS30-14IO1 IXYS-CS30-14IO1 Datasheet
397Kb / 5P
Thyristor Single Thyristor
CS45-12IO1 IXYS-CS45-12IO1 Datasheet
412Kb / 5P
Thyristor Single Thyristor
CS45-16IO1R IXYS-CS45-16IO1R Datasheet
398Kb / 5P
Thyristor Single Thyristor
CS60-12IO1 IXYS-CS60-12IO1 Datasheet
294Kb / 5P
Thyristor Single Thyristor
CS60-14IO1 IXYS-CS60-14IO1 Datasheet
294Kb / 5P
Thyristor Single Thyristor
CS60-16IO1 IXYS-CS60-16IO1 Datasheet
294Kb / 5P
Thyristor Single Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com