Electronic Components Datasheet Search
  English  ▼

X  

CS60-16IO1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CS60-16IO1
Description  Thyristor Single Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS60-16IO1 Datasheet(HTML) 5 Page - IXYS Corporation

  CS60-16IO1 Datasheet HTML 1Page - IXYS Corporation CS60-16IO1 Datasheet HTML 2Page - IXYS Corporation CS60-16IO1 Datasheet HTML 3Page - IXYS Corporation CS60-16IO1 Datasheet HTML 4Page - IXYS Corporation CS60-16IO1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CS60-16io1
0,01
0,1
1
400
600
800
1000
1200
0,4
0,8
1,2
1,6
0
20
40
60
80
100
120
100
101
102
103
104
0,0
0,1
0,2
0,3
0,4
I
TSM
[A]
I
T
[A]
V
T [V]
t [ms]
Z
thJC
[K/W]
2
3
4 5 6 7 8 9 0
1
1
1000
10000
I
2t
[A
2s]
t [ms]
I
T(AV)M
[A]
T
C [°C]
0
25
50
75
100 125 150
0
20
40
60
80
100
Fig. 1 Forward characteristics
Fig. 3 I
2t versus time (1-10 ms)
t [s]
Fig. 6 Max. forward current
at case temperature
Fig. 2 Surge overload current
Fig. 8 Transient thermal impedance junction to case
T
VJ = 25°C
T
VJ = 125°C
T
VJ = 45°C
50 Hz, 80% V
RRM
T
VJ = 125°C
T
VJ = 45°C
V
R = 0 V
125°C
150°C
0
20
40
60
0
20
40
60
80
100
I
T(AV) [A]
P
(AV)
[W]
Fig. 7a Power dissipation versus direct output current
Fig. 7b and ambient temperature
0
50
100
150
T
amb [°C]
dc =
1
0.5
0.4
0.33
0.17
0.08
10
100
1000
1
10
100
1000
1
10
100
1000
10000
0,1
1
10
I
G [mA]
V
G
[V]
t
gd
[µs]
I
G [mA]
typ.
Limit
T
VJ = 125°C
Fig. 4 Gate trigger characteristics
Fig. 5 Gate controlled delay time
R
thHA
0.6
0.8
1.0
2.0
4.0
8.0
dc =
1
0.5
0.4
0.33
0.17
0.08
6
4
5
2
1
3
4: P
GAV = 0.5 W
5: PGM = 5 W
6: PGM = 10 W
1: I
GD, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
R
thi [K/W]
t
i [s]
0.041
0.008
0.043
0.0001
0.039
0.04
0.076
0.57
0.121
0.37
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20150827b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com