Electronic Components Datasheet Search
  English  ▼

X  

VRBA-06A2AX Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRBA-06A2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-06A2AX Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRBA-06A2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 8Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 Vdc - 14 Vdc Input
0.75 Vdc - 5.5 Vdc/6 A Output
•
Non-Isolated
•
Under-Voltage Lockout (UVLO)
•
High Efficiency
•
OCP/SCP
•
High Power Density
•
Wide Input Range
•
Fixed Frequency
•
Wide Trim Range
•
Remote On/Off
•
Active Low/High (Option)
•
Flexible Output Voltage Sequencing
Description
The Bel VRBA-06A2Ax modules are a series of non-isolated dc/dc converters that deliver up to 6 A of output
current with full load efficiency of 92% at 5.0 Vdc output. These modules provide precisely regulated voltage
programmable via external resistor from 0.75 Vdc to 5.5 Vdc over a wide range of input voltage (8.3 Vdc - 14
Vdc). These modules have a sequencing feature that enables designers to implement various types of output
voltage sequencing when powering multiple voltages on a board. The open-frame construction and small
footprint enable designers to develop cost and space-efficient solutions. Standard features include remote On/Off,
over current protection, short current protection, wide input, and programmable output voltage.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
0.75 V - 5.5 V
8.3 V - 14 V
6 A
33 W
92%
VRBA-06A2AL
VRBA-06A2A0
Notes:
1.Change the last character “L” to “C” to indicate 0.20’’ pin length.
2. Add “G” suffix at the end of the model number to indicate Tray Packaging.
3. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Sequencing Voltage
1
-0.3 V
-
Vin
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Notes
: All specifications are typical at 25
°C unless otherwise stated.
1. VRBA-06A2Ax series of modules include a sequencing feature that enables users to implement
various types of output voltage sequencing in their applications. This is accomplished via an additional
sequencing pin. When the sequencing feature is not used, tie the SEQ pin to Vin or leave the SEQ pin
floating.
VRBA-06A2Ax
RoHS Compliant
Rev.A


Similar Part No. - VRBA-06A2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
300Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
More results

Similar Description - VRBA-06A2AX

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com