Electronic Components Datasheet Search
  English  ▼

X  

PLMA0100 Datasheet(PDF) 1 Page - celduc-relais

Part # PLMA0100
Description  MAGNETIC PROXIMITY SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PLMA0100 Datasheet(HTML) 1 Page - celduc-relais

  PLMA0100 Datasheet HTML 1Page - celduc-relais PLMA0100 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
P/SPE/PLMA0100/D/12/11/2009
PLMA0100
CAPTEUR DE PROXIMITE MAGNETIQUE - un contact travail
MAGNETIC PROXIMITY SENSOR - 1 normally open contact
Dimensions / Outlines
CARACTERISTIQUES ELECTRIQUES / ELECTRICAL DATA
Puissance maxi commutable / Max. switching power
10 W
Tension maxi commutable / Max. switching voltage
200 Vdc
Courant maxi commutable / Max. switching current
500 mA
Courant de travail / Carrying current
1,2 A
Tension typique de tenue entre lames / Typical dielectric strength between contacts
250 Vdc
Résistance de contact initiale ( hors cable ) / Initial contact resistance ( cable excepted ) ≤ 100 mΩ
Résistance avec le cable / Resistance with cable
≤ 300 mΩ
Résistance d'isolement ( 100V) / Insulation resistance
10
10
Ω
Tension d'isolement / Insulation voltage
1500 V
aimant / magnet
capteur / sensor
Application typique : rideau déroulant industriel, environnement mécanique sévère
Typical use : industrial safety curtains, hard mecanical environement
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celducâ
r
e
l
a
i
s


Similar Part No. - PLMA0100

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
PLMA-YDF-14125-UF COHERENT-PLMA-YDF-14125-UF Datasheet
1Mb / 1P
Coherent NuUF Ultrafast Fibers
PLMA-YDF-25/250-UF COHERENT-PLMA-YDF-25/250-UF Datasheet
1Mb / 1P
Coherent NuUF Ultrafast Fibers
PLMA-YDF-30/250-UF COHERENT-PLMA-YDF-30/250-UF Datasheet
1Mb / 1P
Coherent NuUF Ultrafast Fibers
More results

Similar Description - PLMA0100

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
MAGNETIC PROXIMITY SENSOR
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLA12435U CELDUC-PLA12435U Datasheet
320Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLC12425U CELDUC-PLC12425U Datasheet
319Kb / 2P
MAGNETIC PROXIMITY SENSOR
PSC42000 CELDUC-PSC42000 Datasheet
328Kb / 2P
MAGNETIC PROXIMITY SENSOR
logo
Omron Electronics LLC
GLS OMRON-GLS Datasheet
62Kb / 3P
Magnetic Proximity Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com