Electronic Components Datasheet Search
  English  ▼

X  

FSA3000 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA3000 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSA3000 Datasheet HTML 2Page - ON Semiconductor FSA3000 Datasheet HTML 3Page - ON Semiconductor FSA3000 Datasheet HTML 4Page - ON Semiconductor FSA3000 Datasheet HTML 5Page - ON Semiconductor FSA3000 Datasheet HTML 6Page - ON Semiconductor FSA3000 Datasheet HTML 7Page - ON Semiconductor FSA3000 Datasheet HTML 8Page - ON Semiconductor FSA3000 Datasheet HTML 9Page - ON Semiconductor FSA3000 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.10
5
AC Electrical Characteristics
All typical value are for VCC=3.3 V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
VCC (V)
TA= -40ºC to
+85ºC
Unit
Min. Typ. Max.
tON
MHL Turn-On Time,
SEL to Output
RL=50
Ω, CL=5 pF, VSW(USB)=0.8 V,
VSW(MHL)=3.3 V, Figure 5, Figure 6
2.7 to
3.6 V
350
600
ns
tOFF
MHL Turn-Off Time,
SEL to Output
RL=50
Ω, CL=5 pF, VSW(USB)=0.8 V,
VSW(MHL)=3.3 V, Figure 5, Figure 6
2.7 to
3.6 V
125
300
ns
tZHM,ZLM
MHL Enable Time,
/OE to Output
RL=50
Ω, CL=5 pF, VSW(MHL)=3.3 V,
Figure 5, Figure 6
2.7 to
3.6 V
60
150
µs
tZHU,ZLU
USB Enable Time,
/OE to Output
RL=50
Ω, CL=5 pF, VSW(USB)=0.8 V,
Figure 5, Figure 6
2.7 to
3.6 V
100
300
ns
tLZM,HZM
MHL Disable Time,
/OE to Output
RL=50
Ω, CL=5 pF, VSW(MHL)=3.3 V,
Figure 5, Figure 6
2.7 to
3.6 V
35
100
ns
tLZU,HZU
USB Disable Time,
/OE to Output
RL=50
Ω, CL=5 pF, VSW(USB)=0.8 V,
Figure 5, Figure 6
2.7 to
3.6 V
35
100
ns
tPD
Propagation Delay
(7)
CL=5 pF, RL=50
Ω, Figure 5, Figure 7
2.7 to
3.6 V
0.25
ns
tBBM
Break-Before-Make
(7)
RL=50
Ω, CL=5 pF, VID=VMHL=3.3 V,
VUSB= 0.8 V, Figure 9
2.7 to
3.6 V
2
13
ns
OIRR(MHL)
Off Isolation
(7)
VS=1 Vpk-pk, RL=50
Ω, f=240 MHz,
Figure 11
2.7 to
3.6 V
-55
dB
OIRR(USB)
VS=400 mVpk-pk, RL=50
Ω, f=240 MHz,
Figure 11
2.7 to
3.6 V
-45
dB
XtalkMHL
Non-Adjacent
Channel
(7) Crosstalk
VS=1 Vpk-pk, R=50
Ω, f=240 MHz,
Figure 12
2.7 to
3.6 V
-47
dB
XtalkUSB
VS=400 mVpk-pk, RL=50
Ω, f=240 MHz,
Figure 12
2.7 to
3.6 V
-45
dB
BW
(Insertion
Loss)
Differential
-3db Bandwidth
(7)
VIN=1 Vpk-pk, MHL Path, RL=50
Ω,
CL=0 Pf, Figure 10, Figure 15
2.7 to
3.6 V
2.46
GHz
VIN=400 mVpk-pk, USB Path, RL=50
Ω,
CL=0 pF, Figure 10, Figure 16
1.22
Note:
7.
Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com