Electronic Components Datasheet Search
  English  ▼

X  

IRF250 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IRF250
Description  50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRF250 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IRF250 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRF250 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER SOLUTION - NIKKOHM
50W to 500W HIGH POWER WIRE WOUND RESISTORS
FLAT SHAPED ALUMINUM HOUSED. IRN50-IRN150, IRF150-IRF500
Ordering Information
P/N
Type
Insulating
Material
Resistance
Tolerance
Additional
IRN100S1R0J 0.75sqmm
IRN100
S(Silicone)
1 ohm
+/-5%(J)
Lead wire
IRN150C1K0F
IRN150
C(Cement)
1K ohm
+/-1%(F)
IRF200S100RJ
IRF200
S(Silicone)
100 ohm
+/-0.5%(D)
IRF500C10RJ 2sqmm
IRF500
C(Cement)
10 ohm
+/-5%(J)
Lead wire
Specifications
Lead wire
Type
Rating power
with heat sink
Resistance
(ohm)
Tolerance
(%)
Dielectric
strength
2mm
2
1.25 mm
2
IRN 50
50W
1-420
NA
1-420
IRN100
100W
1-1.1K
NA
1-1.1K
IRN150
150W
1-1.75K
NA
1-1.75K
IRF100
100W
1-1.1K
NA
1-1.1K
IRF150
150W
1-1.75K
NA
1-1.75K
IRF200
200W
1-2.2K
1-4 ohm
4.1 -
IRF250
250W
1-2.79K
1-5 ohm
5.1 -
IRF300
300W
1-3.5K
1-6 ohm
6.1 -
IRF400
400W
1-4.45K
1-8 ohm
8.1 -
IRF500
500W
1-5.78K
+/-0.5(D)
+/-1.0(F)
+/-2.0(G)
+/-5.0(J)
+/-10(K)
Standard
AC1000V,
Available AC
1500V
2500V
3000V
4500V
at 2mA current
1-10 ohm
10.1 -
Performance
Term
Specifications
Conditions
Temperature Coefficient
+/-260 ppm/C
Maximum
Insulation Resistance
20Megohm min.
Dry condition.
Operating Temperature, cement filled
-55C - +200C
Operating Temperature, silicone filled
-55C - +150C
Short Time Overload
+/-(1.0%+0.05ohm)
5 times rating power, 5 seconds.
Moisture Resistance
+/-(2.0%+0.05ohm)
40C, 95%RH, DC100V case to leads, 500H
Thermal Shock
+/-(1.0%+0.05ohm)
Heating with rating power 30 minutes, –25C
15 minutes
Vibration
+/-(1.0%+0.05ohm)
10-50-10Hz, 1 minute/cycle, 2 hours, x , y
and z direction.
Humidity
+/-(2.0%+0.05ohm)
40C, 95%RH, 0.1 rating power, 90min ON,
30min OFF, 500hours.
Load Life
+/-(2.0%+0.05ohm)
Rating power, 90min ON, 30min OFF,
500hours.
Note for derating, cement filled type.
(1) Attached on chassis for 150W to 500W and free air
for 50W-100W.
(2) Free air for 150W.
(3) Free air for 200W and 250W.
(4) Free air for 300W to 500W.
Note for lead wire:
0.75 sqmm leads is available.
20030114
Derating
%Rating Watts
100 (1) 25C
80
(2)
60
(3)
40
(4)
280C
20
0
-50
0
50 100 150 200 250 300
Ambient Temperature (C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com