Electronic Components Datasheet Search
  English  ▼

X  

IRF500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IRF500
Description  50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRF500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IRF500 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRF500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER SOLUTION - NIKKOHM
50W to 500W HIGH POWER WIRE WOUND RESISTORS
FLAT SHAPED ALUMINUM HOUSED
IRN50-IRN150
IRF150-IRF500
Features and Applications
Dimensions (mm)
Type
A
B
C
D
E
F
G dia.
Weight(g)
IRN 50
70+/-1
60+/-0.3
10
50+/-0.3
50+/-0.3
-
4-5.3 dia.
100
IRN100
120+/-1
60+/-0.3
10
50+/-0.3
100+/-0.3
-
4-5.3 dia.
160
IRN150
170+/-1
60+/-0.3
10
50+/-0.3
150+/-0.3
-
4-5.3 dia.
220
IRF100
90+/-1
80+/-0.3
10
70+/-0.3
70+/-0.3
-
4-5.3 dia.
155
IRF150
120+/-1
80+/-0.3
10
70+/-0.3
100+/-0.3
-
4-5.3 dia.
200
IRF200
150+/-1
80+/-0.3
10
70+/-0.3
130+/-0.3
-
4-5.3 dia.
245
IRF250
180+/-1
80+/-0.3
10
70+/-0.3
160+/-0.3
-
4-5.3 dia.
290
IRF300
210+/-1
80+/-0.3
10
70+/-0.3
190+/-0.3
95
6-5.3 dia.
335
IRF400
270+/-1
80+/-0.3
10
70+/-0.3
250+/-0.3
125
6-5.3 dia.
430
IRF500
330+/-1
80+/-0.3
10
70+/-0.3
310+/-0.3
155
6-5.3 dia.
525
Non-inductive, flat shaped aluminum housed wire wound fixed resistors with 50W to 500W..
Minimum resistance of 1ohm, +/-0.5% tolerance available.
10mm thickness allows excellent heat extrusion from resistor.
Narrower body (IRN) will be suitable for high density installation.
Light weight silicone filled insulation and higher temperature operating cement filled
insulation are prepared.
Strong over load characteristics are fit for applications of industrial power electronics,
switching power supplies, braking resistors for motor control electronics, rush current
protection in automotive electronics, industrial power supplies.
D B
G
300+/-10
F
F
E
C
A


Similar Part No. - IRF500

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
IRF510 SUTEX-IRF510 Datasheet
70Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS Power FETs
logo
Fairchild Semiconductor
IRF510 FAIRCHILD-IRF510 Datasheet
151Kb / 5P
N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
Intersil Corporation
IRF510 INTERSIL-IRF510 Datasheet
70Kb / 7P
5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET
November 1999
logo
International Rectifier
IRF510 IRF-IRF510 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
logo
Harris Corporation
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
More results

Similar Description - IRF500

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
610-XR01 RCD-610-XR01 Datasheet
249Kb / 1P
ALUMINUM HOUSED RESISTORS
logo
Token Electronics Indus...
AHS10R51A5 TOKEN-AHS10R51A5 Datasheet
427Kb / 7P
AH Aluminum Housed Power Resistors
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
Aluminum Housed Power Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com