Electronic Components Datasheet Search
  English  ▼

X  

F15254 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F15254
Description  Version compatible with COBs of 17.85 x 17.85 mm packages and max 14.2 mm LES size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15254 Datasheet(HTML) 1 Page - Ledil, Inc.

  F15254 Datasheet HTML 1Page - Ledil, Inc. F15254 Datasheet HTML 2Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
DATASHEET
F15254_HEKLA-SOCKET-B
F15254_HEKLA-SOCKET-B
Version compatible with COBs of 17.85 x 17.85
mm packages and max 14.2 mm LES size
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 44 mm
Height
5.5 mm
Fastening
screw
Colour
BLACK
Box size
315 x 225 x 260 mm
Box weight
5.6 kg
Quantity in Box
1000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
F15254_HEKLA-SOCKET-B
Accessory
BLACK
Last update: 27/06/2017
Subject to change without prior notice
1/2
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - F15254

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15254_HEKLA-SOCKET-B LEDIL-F15254_HEKLA-SOCKET-B Datasheet
413Kb / 4P
Konntakt Base part
More results

Similar Description - F15254

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15253 LEDIL-F15253 Datasheet
4Mb / 2P
Version compatible with COBs of 12.5 x 12.5 mm packages and max 9 mm LES size
F15255 LEDIL-F15255 Datasheet
5Mb / 3P
Version compatible with COBs of 13.5 x 13.5 mm packages and max 11.6 mm LES size
F15848 LEDIL-F15848 Datasheet
797Kb / 2P
Version compatible with COBs of 12 x 15 mm packages and max 10 mm LES size
F15858 LEDIL-F15858 Datasheet
2Mb / 3P
Version compatible with COBs of 16 x 19 mm packages and max 14 mm LES size
F15859 LEDIL-F15859 Datasheet
2Mb / 3P
Version compatible with COBs of 19 x 19 mm packages and max 17 mm LES size
FP15490 LEDIL-FP15490 Datasheet
3Mb / 3P
Version compatible with COBs of 12.5 x 12.5 mm packages and max 9 mm LES size
FP15500 LEDIL-FP15500 Datasheet
3Mb / 3P
Version compatible with COBs of 17.85 x 17.85 mm packages and max 14.2 mm LES size
FP15502 LEDIL-FP15502 Datasheet
3Mb / 3P
Version compatible with COBs of 15.85 x 15.85 mm packages and max 10.7 mm LES size
FP15503 LEDIL-FP15503 Datasheet
3Mb / 3P
Version compatible with COBs of 15.8 x 15.8 mm packages and max 14.3 mm LES size
F17435 LEDIL-F17435 Datasheet
1Mb / 3P
Version compatible with COBs of 13.5 x 13.5 mm packages and max 11.6 mm LES size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com