Electronic Components Datasheet Search
  English  ▼

X  

MPC561 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC561
Description  RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC561 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC561 Datasheet HTML 1Page - Motorola, Inc MPC561 Datasheet HTML 2Page - Motorola, Inc MPC561 Datasheet HTML 3Page - Motorola, Inc MPC561 Datasheet HTML 4Page - Motorola, Inc MPC561 Datasheet HTML 5Page - Motorola, Inc MPC561 Datasheet HTML 6Page - Motorola, Inc MPC561 Datasheet HTML 7Page - Motorola, Inc MPC561 Datasheet HTML 8Page - Motorola, Inc MPC561 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR
PRODUCT BRIEF
This document contains information on a new product. Specifications and
information herein are subject to change without notice.
© MOTOROLA 2001, All Rights Reserved
MPC561PB/D
Rev. 1, December 2001
MPC561/MPC562
MPC563/MPC564
Product Brief
MPC561/MPC562 / MPC563/MPC564 RISC MCU
Including Peripheral Pin Multiplexing with
Flash and Code Compression Options
Features
The MPC561/MPC562 / MPC563/MPC564 are members of the Motorola MPC500 RISC Microcontroller
family. As shown in the block diagram, they are composed of:
• High performance CPU system
— High performance core
• Single issue integer core
• Compatible with PowerPC instruction set architecture
• Precise exception model
• Floating point
• Extensive system development support
— On-chip watchpoints and breakpoints
— Program flow tracking
— Background debug mode (BDM)
— IEEE-ISTO Nexus 5001-1999 Class 3 Debug Interface
— MPC500 system interface (USIU, BBC, L2U)
— Fully static design
— Four major power saving modes
• On, doze, sleep, deep-sleep and power-down
— 32-Kbyte static RAM (CALRAM)
— 512-Kbyte flash (UC3F) on MPC563/MPC564
— General-purpose I/O support
• On address (24) and data (32) pins
• 16 GPIO in MIOS14
• Many peripheral pins can be used as GPIO when not used as primary functions
• 2.6-V outputs on external bus pins
• PPM (peripheral pin multiplexing with parallel-to-serial driver) module
• Available in package or die
— Plastic ball grid array (PBGA) packaging
Key Feature Details
MPC500 System Interface (USIU)
• System configuration and protection features:
— Periodic-interrupt timer
— Bus monitor
— Software watchdog timer
— Real-time clock (RTC)


Similar Part No. - MPC561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC561 ETC1-MPC561 Datasheet
1,004Kb / 23P
NEXUS Debugger and Trace for PowerPC
logo
Freescale Semiconductor...
MPC561MVR56 FREESCALE-MPC561MVR56 Datasheet
10Mb / 1420P
MPC561/MPC563 Reference Manual
More results

Similar Description - MPC561

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D601 HYNIX-GDC21D601 Datasheet
4Mb / 189P
32-Bit RISC MCU
logo
STMicroelectronics
ST22FJ1M STMICROELECTRONICS-ST22FJ1M Datasheet
100Kb / 8P
Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
Dec-2003
logo
Motorola, Inc
MPC565 MOTOROLA-MPC565 Datasheet
105Kb / 12P
RISC MCU with Code Compression Option
logo
Holtek Semiconductor In...
HT66F20-1 HOLTEK-HT66F20-1 Datasheet
7Mb / 211P
Flash MCU with EEPROM
November 23, 2016
logo
Core Technology (Shenzh...
CSU8RF2111 CHIPSEA-CSU8RF2111 Datasheet
743Kb / 54P
8 RISC FLASH MCU
CSU8RF3111 CHIPSEA-CSU8RF3111 Datasheet
645Kb / 78P
12-bit ADC 8 RISC FLASH MCU
CSU8RF3221 CHIPSEA-CSU8RF3221 Datasheet
1Mb / 90P
12-bit ADC 8 RISC FLASH MCU
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
12-bit ADC 8 - bit RISC FLASH FLASH MCU
CSU8RP1381D CHIPSEA-CSU8RP1381D Datasheet
3Mb / 107P
8 RISC MCU
CSU8RP1382D CHIPSEA-CSU8RP1382D Datasheet
3Mb / 107P
8 RISC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com