Electronic Components Datasheet Search
  English  ▼

X  

WM8946 Datasheet(PDF) 33 Page - Cirrus Logic

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8946 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button WM8946 Datasheet HTML 29Page - Cirrus Logic WM8946 Datasheet HTML 30Page - Cirrus Logic WM8946 Datasheet HTML 31Page - Cirrus Logic WM8946 Datasheet HTML 32Page - Cirrus Logic WM8946 Datasheet HTML 33Page - Cirrus Logic WM8946 Datasheet HTML 34Page - Cirrus Logic WM8946 Datasheet HTML 35Page - Cirrus Logic WM8946 Datasheet HTML 36Page - Cirrus Logic WM8946 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 173 page
background image
WM8946
Rev 4.5
33
DSP CORE
DSP Core is at the centre of the ADC / DAC / Digital Audio Interface (I2S) blocks. It provides signal
routing, and also implements a number of configurable signal processing functions.
The signal processing functions are arranged in three blocks, as follows:
Signal Enhancement 1 (SE1) - Low-pass / High-pass filter, 3D-stereo enhancement, 5 notch
filters, generic ‘Direct-Form 1’ filter.
Signal Enhancement 2 (SE2) - ReTune
™ processing, 5-band equalizer.
Signal Enhancement 3 (SE3) - Dynamic range control
The DSP Configuration modes and each of the Signal Enhancement blocks is described in the
following sections.
DSP CONFIGURATION MODES
The DSP Configuration Mode is determined using the SE_CONFIG register field; this configures the
signal paths between the Signal Enhancement blocks and the ADC / DAC / I2S interfaces. The
supported DSP modes are illustrated in Figure 13.
DAC R
DAC L
DIGITAL AUDIO
INTERFACE
ADC R
ADC L
DIGITAL AUDIO
INTERFACE
ADC R
ADC L
DAC R
DAC L
DIGITAL AUDIO
INTERFACE
ADC R
ADC L
SE2 (HPF,
Re-Tune, 5-band EQ)
DAC R
DAC L
DIGITAL AUDIO
INTERFACE
ADC R
ADC L
SE2 (HPF,
Re-Tune, 5-band EQ)
SE3 (Dynamic
Range Control)
DAC R
DAC L
DSP Record Mode
DSP Playback Mode
DSP General Mode 1
DSP General Mode 2
SE1 (LPF/HPF,
3D surround, 5-notch, DF1)
SE2 (HPF,
Re-Tune, 5-band EQ)
SE3 (Dynamic
Range Control)
SE1 (LPF/HPF,
3D surround, 5-notch, DF1)
SE2 (HPF,
Re-Tune, 5-band EQ)
SE3 (Dynamic
Range Control)
SE1 (LPF/HPF,
3D surround, 5-notch, DF1)
SE1 (LPF/HPF,
3D surround, 5-notch, DF1)
SE3 (Dynamic
Range Control)
Figure 13 DSP Configuration Modes
Record mode enables the entire set of Signal Enhancement functions in the ADC path. The direct
DAC path is also active, without any Signal Enhancement functions; this allows basic audio playback
and digital beep generation.
Playback mode enables the entire set of DSP functions in the DAC path. The direct ADC path is also
active, without any DSP functions; this allows basic audio record functions to the host system.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R64 (40h)
SE Config
Selection
3:0
SE_CONFIG
[3:0]
0000
DSP Configuration Mode select
0000 = Record mode
0001 = Playback mode
0010 = Reserved
0011 = Reserved
Table 12 DSP Configuration Mode Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com