Electronic Components Datasheet Search
  English  ▼

X  

M385G-12-AE3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M385G-12-AE3-R
Description  MICROPOWER VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M385G-12-AE3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M385G-12-AE3-R Datasheet HTML 1Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 2Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 3Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 4Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 5Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M385
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 6
www.unisonic.com.tw
QW-R101-028.f
T EST CI RCU I T
VIN
RS
IR
UTC
M385-XX
VREF
APPLI CAT I ON CI RCU I T S
3
2
-30V
7
4
R1
C
150pF
R2
100K
UTC
M385-XX
IOUT
VIN
(Note 1)
6
1
REF
OUT
R
V
=
I
3
2
30V
7
4
R1
C
150pF
R2
100K
UTC
M385-XX
IOUT
VIN
(Note 2)
6
1
REF
OUT
R
V
=
I
Precision 1µA to 1mA Current Source
9V
R1
VREF
(Note 3)
Micropower Reference from 9V Battery
Reference from 1.5V Battery (Only for M385-1.2V)
Notes: 1. VREF=1.235V, -2.3V
≤V+≤-27V, V
REF=2.5V, -3.7
≤V+≤-27V
2. VREF=1.235V, 2.3V
≤V+≤27V, V
REF=2.5V, 3.7
≤V+≤27V
3. VREF=1.235V, R1=900K
Ω, VREF=2.5V, R1=220KΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com