Electronic Components Datasheet Search
  English  ▼

X  

SM5024 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5024
Description  Miniature-package Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5024 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5024 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SM5024 series
NIPPON PRECISION CIRCUITS INC.—2
PINOUT
(Top view)
PIN DESCRIPTION
BLOCK DIAGRAM
Notes. The SM5024 series reduce crystal current by limiting driving current of oscillating-stage inverter and inhibiting oscillating amplitude. Depending on
the characteristics of using crystal or the mounting condition, they may not oscillate normally. Please evaluate the oscillation start-up characteris-
tics adequately with your actual device. When this device is used for buffer application, please pay attention to input amplitude to the XT pin. If it’s
low input amplitude, the SM5024 series may not operate normally.
Name
I/O
Description
INHN
I
Output state control input. High impedance when LOW.
Pull-up resistor built-in.
XT
I
Amplifier input
Crystal connection pins.
Crystal is connected between XT and XTN.
XTN
O
Amplifier output
VSS
–
Ground
Q
O
Output. Output frequency (fO, fO/2, fO/4, fO/8) determined by internal connection
VDD
–
Supply voltage
INHN = LOW active
1
XT
VSS
Q
VDD
2
3
6
5
4
XTN
INHN
CGp
CDp
Rf
CGn
CDn
XT
VSS
VDD
Q
XTN
INHN
1/2
1/2
1/2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com