Electronic Components Datasheet Search
  English  ▼

X  

DSA1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA1
Description  Avalanche Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA1 Datasheet(HTML) 1 Page - IXYS Corporation

  DSA1 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2017 IXYS All rights reserved
1 - 1
20170117b
DSA 1
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
V
R = VRRM
T
VJ =
T
VJM
0.7
mA
V
F
I
F = 7 A
T
VJ = 25°C
1.34
V
V
T0
r
T
For power-loss calculations only
T
VJ = TVJM
0.8
67
V
mΩ
R
thJA
Forced air cooling with 1.5 m/s, T
amb = 45°C
Soldered on to PC board, T
amb = 45°C
38
80
K/W
K/W
d
S
d
A
a
Creepage distance on surface
Strike distance through air
Max. allowable acceleration
8.5
6.7
100
mm
mm
m/s2
Data according to IEC 60747
V
RRM = 1200-1800 V
I
F(RMS) =
7 A
I
FAVM
=
2.3 A
Avalanche Diode
Features
• Plastic standard package
• Planar passivated chips
Applications
• Low power rectifiers
• Field supply for DC motors
• Power supplies
• High voltage rectifiers
Advantages
• Space and weight savings
• Simple PCB mounting
• Improved temperature & power cycling
• Reduced protection circuits
Symbol
Conditions
Maximum Ratings
I
FRMS
I
FAVM
T
VJ = TVJM
T
amb = 45°C; RthJA = 38 K/W; 180° sine
T
amb = 45°C; RthJA = 80 K/W; 180° sine
7
2.3
1.3
A
A
A
P
RSM
T
VJM, tp = 10 µs
1.6
kW
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
t = 8.3 ms (60 Hz), sine
110
118
A
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
t = 8.3 ms (60 Hz), sine
100
104
A
I2t
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
t = 8.3 ms (60 Hz), sine
60
58
A2s
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
t = 8.3 ms (60 Hz), sine
50
45
A2s
T
VJ
T
VJM
T
stg
-40...+150
150
-40...+150
°C
°C
°C
Weight
typical
0.8
g
A
C
A = Anode, C = Cathode
C
A
V
RSM
V
V
(BR)min
V
V
RRM
V
Type
1300
1300
1200
DSA 1-12D
1700
1750
1600
DSA 1-16D
1900
1950
1800
DSA 1-18D
1.2
7.5
0.5
1
4
10
0.8
K
A
Dimensions in mm (1 mm = 0.0394")
Preliminary data


Similar Part No. - DSA1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA1-12D IXYS-DSA1-12D Datasheet
34Kb / 1P
Rectifier Diode Avalanche Diode
DSA1-16D IXYS-DSA1-16D Datasheet
34Kb / 1P
Rectifier Diode Avalanche Diode
DSA1-18D IXYS-DSA1-18D Datasheet
34Kb / 1P
Rectifier Diode Avalanche Diode
logo
Sanyo Semicon Device
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
1.0A Power Rectifier
logo
Microchip Technology
DSA1001 MICROCHIP-DSA1001 Datasheet
638Kb / 22P
1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
10/25/17
More results

Similar Description - DSA1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
R2K EIC-R2K Datasheet
45Kb / 2P
AVALANCHE DIODE
logo
Semikron International
SKNA402 SEMIKRON-SKNA402 Datasheet
602Kb / 3P
Avalanche Diode
SKNA202 SEMIKRON-SKNA202 Datasheet
587Kb / 3P
Avalanche Diode
SKNA4 SEMIKRON-SKNA4 Datasheet
328Kb / 3P
Avalanche Diode
SKNA20 SEMIKRON-SKNA20_10 Datasheet
462Kb / 3P
Avalanche Diode
SKNA22 SEMIKRON-SKNA22_08 Datasheet
636Kb / 3P
Avalanche Diode
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
Avalanche Diode
logo
EIC discrete Semiconduc...
AD600V EIC-AD600V Datasheet
49Kb / 1P
AVALANCHE DIODE
Rev. 02 : March 25, 2005
R2KN EIC-R2KN Datasheet
130Kb / 2P
AVALANCHE DIODE
Rev. 03:February 28, 2014
R2KS EIC-R2KS_V01 Datasheet
141Kb / 2P
AVALANCHE DIODE
Rev. 03:February 28, 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com