Electronic Components Datasheet Search
  English  ▼

X  

DSA2-18A Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSA2-18A
Description  Rectifi er Diode Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA2-18A Datasheet(HTML) 2 Page - IXYS Corporation

  DSA2-18A Datasheet HTML 1Page - IXYS Corporation DSA2-18A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2017 IXYS All rights reserved
2 - 2
DS
2
DSA 2
IXYS reserves the right to change limits, test conditions and dimensions
20170323a
10-3
10-2
10-1
100
101
0
20
40
60
80
100
2
3
4
5 6 7 8 9
1
10
20
40
60
80
10
100
0
1
2
3
4
5
6
7
8
9
0
2
4
6
8
10
20
40
60
80
100 120 140 160
0
2
4
6
8
10
0
10-3
10-2
10-1
100
101
102
103
104
0
20
40
60
80
100
I
2 t
A
2s
I
FSM
A
I
F
A
V
F
V
t
s
t
ms
P
F
W
P
F
W
I
FAVM
A
T
amb
°C
t
s
Z
(th)t
°C/W
0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
0
2
4
6
8
10
R
thJA for various conduction angles d:
d
R
thJA (K/W)
DC
75
180°
75.7
120°
76.1
60°
76.7
30°
77.4
Constants for Z
thJA calculation:
i
R
thi (K/W)
t
i (s)
1
0.15
0.001
2
10.85
0.1
3
64
35
Fig. 1
Forward characteristics
Fig. 4
Power dissipation versus forward current and ambient temperature
Fig. 5
Transient thermal impedance junction to ambient
Fig. 2
Surge overload current
I
FSM: crest value, t: duration
Fig. 3
I2t versus time (1-10 ms)
T
VJ= 180°C
T
VJ=
25°C
50Hz, 80%V
RRM
T
VJ = 45°C
T
VJ = 180°C
V
R = 0 V
T
VJ=45°C
T
VJ=180°C
typ.
lim.
R
thJA :
30 K/W
37 K/W
45 K/W
75 K/W
115 K/W
DC
180° sin
120°
60°
30°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com