Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4094 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4094
Description  High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4094 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC4094 Datasheet HTML 4Page - Texas Instruments CD54HC4094 Datasheet HTML 5Page - Texas Instruments CD54HC4094 Datasheet HTML 6Page - Texas Instruments CD54HC4094 Datasheet HTML 7Page - Texas Instruments CD54HC4094 Datasheet HTML 8Page - Texas Instruments CD54HC4094 Datasheet HTML 9Page - Texas Instruments CD54HC4094 Datasheet HTML 10Page - Texas Instruments CD54HC4094 Datasheet HTML 11Page - Texas Instruments CD54HC4094 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Test Circuits and Waveforms
FIGURE 1. DATA PROPAGATION DELAYS, SET-UP AND HOLD TIMES
FIGURE 2. STROBE PROPAGATION DELAYS AND SET-UP
AND HOLD TIMES
FIGURE 3. ENABLE AND DISABLE TIMES
6ns
6ns
90%
VS
10%
VS
tPLH
VS
tPLH
VS
tPHL
tPHL
tSU
tH
tW
tW
CLOCK
SERIAL IN
Qn, QS1
QS2
INPUT LEVEL
GND
INPUT LEVEL
GND
VOH
VOL
VOH
VOL
INPUT LEVEL
GND
INPUT LEVEL
GND
VOH
VOL
VOH
VOL
VS
tPLH, tPHL
Qn
SERIAL IN
CLOCK
STROBE
VS
VS
tSU
tH
tW
VS
OUTPUT
tr = 6ns
tf = 6ns
OE
90%
VS
10%
tPZL
tPLZ
LOW TO OFF
tPHZ
tPZH
VS
OUTPUT
HIGH TO OFF
VS
10%
90%
OUTPUTS
CONNECTED
OUTPUTS
CONNECTED
OUTPUTS
DISCONNECTED
CD54/74HC4094, CD74HCT4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com