Electronic Components Datasheet Search
  English  ▼

X  

FP1 Datasheet(PDF) 1 Page - NEC

Part # FP1
Description  on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FP1 Datasheet(HTML) 1 Page - NEC

  FP1 Datasheet HTML 1Page - NEC FP1 Datasheet HTML 2Page - NEC FP1 Datasheet HTML 3Page - NEC FP1 Datasheet HTML 4Page - NEC FP1 Datasheet HTML 5Page - NEC FP1 Datasheet HTML 6Page - NEC FP1 Datasheet HTML 7Page - NEC FP1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1998
©
Document No. D16181EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
FP1 SERIES
on-chip resistor PNP silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
•
Up to 0.7 A current drive available
•
On-chip bias resistor
•
Low power consumption during drive
QUALITY GRADES
•
Standard
Please refer to “Quality Grades on NEC Semiconductor
Devices” (Document No. C11531E) published by NEC Corporation
to know the specification of quality grade on the devices and its
recommended applications.
FP1 SERIES LISTS
Products
Marking
R1 (K
Ω)R2 (KΩ)
FP1A4A
S30
−
10
FP1L2Q
S31
0.47
4.7
FP1A3M
S32
1.0
1.0
FP1F3P
S33
2.2
10
FP1J3P
S36
3.3
10
FP1L3N
S34
4.7
10
FP1A4M
S35
10
10
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
−25
V
Collector to emitter voltage
VCEO
−25
V
Emitter to base voltage
VEBO
−10
V
Collector current (DC)
IC(DC)
−0.7
A
Collector current (Pulse)
IC(pulse) *
−1.0
A
Base current (DC)
IB(DC)
−20
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %


Similar Part No. - FP1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FP1 LITTELFUSE-FP1 Datasheet
189Kb / 2P
Style PCB Fuse Rated 32V
logo
Amphenol Corporation
FP10 AMPHENOL-FP10 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
TRIAD MAGNETICS
FP10-1200 TRIAD-FP10-1200 Datasheet
43Kb / 1P
FP10-1200
FP10-1200 TRIAD-FP10-1200_13 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP10-2400 TRIAD-FP10-2400 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
More results

Similar Description - FP1

ManufacturerPart #DatasheetDescription
logo
NEC
BP1A4A NEC-BP1A4A Datasheet
94Kb / 6P
On-chip resistor PNP silicon epitaxial transistor For mid-speed switching
HR1F3P NEC-HR1F3P Datasheet
120Kb / 6P
On-chip resistor PNP silicon epitaxial transistor For mid-speed switching
BN1A4Z NEC-BN1A4Z Datasheet
106Kb / 4P
on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
BN1F4Z NEC-BN1F4Z Datasheet
84Kb / 4P
on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HR1 RENESAS-HR1_15 Datasheet
400Kb / 8P
on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
HQ1 RENESAS-HQ1_15 Datasheet
292Kb / 8P
on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
FP1 RENESAS-FP1_15 Datasheet
270Kb / 10P
on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
AN1A3Q RENESAS-AN1A3Q Datasheet
237Kb / 6P
on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AN1A4Z RENESAS-AN1A4Z Datasheet
236Kb / 6P
on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AN1F4Z RENESAS-AN1F4Z Datasheet
235Kb / 6P
on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com