Electronic Components Datasheet Search
  English  ▼

X  

8302 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 8302
Description  LVCMOS / LVTTL Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8302 Datasheet(HTML) 3 Page - Integrated Device Technology

  8302 Datasheet HTML 1Page - Integrated Device Technology 8302 Datasheet HTML 2Page - Integrated Device Technology 8302 Datasheet HTML 3Page - Integrated Device Technology 8302 Datasheet HTML 4Page - Integrated Device Technology 8302 Datasheet HTML 5Page - Integrated Device Technology 8302 Datasheet HTML 6Page - Integrated Device Technology 8302 Datasheet HTML 7Page - Integrated Device Technology 8302 Datasheet HTML 8Page - Integrated Device Technology 8302 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
8302 Data Sheet
©2016 Integrated Device Technology, Inc
Revision D March 4, 2016
3
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
3.135
3.3
3.465
V
V
DDO
Output Power Supply Voltage
3.135
3.3
3.465
V
I
DD
Power Supply Current
13
mA
I
DDO
Output Supply Current
4mA
TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
DD + 0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
CLK
V
DD = VIN = 3.465V
150
µA
I
IL
Input Low Current
CLK
V
DD = 3.465V, VIN = 0V
-5
µA
V
OH
Output High Voltage
50
Ω to V
DDO/2
2.6
V
I
OH = -100µA
2.9
V
V
OL
Output Low Voltage
50
Ω to V
DDO/2
0.5
V
I
OL = 100µA
0.2
V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 4A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
200
MHz
tp
LH
Propagation Delay, Low-to-High; NOTE 1
ƒ
≤ 200MHz
1.9
2.35
2.8
ns
tsk(o)
Output Skew; NOTE 2, 4
25
85
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
250
800
ps
t
R
Output Rise Time
20% to 80%
300
800
ps
t
F
Output Fall Time
20% to 80%
300
800
ps
odc
Output Duty Cycle
ƒ
≤ 133MHz
45
55
%
133MHz < ƒ
≤ 200MHz
40
60
%
Parameters measured at f
MAX unless otherwise noted.
NOTE 1: Measured from V
DD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at V
DDO/2.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load
conditions. Using the same type of inputs on each device, the outputs are measured at V
DDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com