Electronic Components Datasheet Search
  English  ▼

X  

8304AMILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8304AMILF
Description  Low Skew, 1-to-4 LVCMOS/LVTTL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8304AMILF Datasheet(HTML) 2 Page - Integrated Device Technology

  8304AMILF Datasheet HTML 1Page - Integrated Device Technology 8304AMILF Datasheet HTML 2Page - Integrated Device Technology 8304AMILF Datasheet HTML 3Page - Integrated Device Technology 8304AMILF Datasheet HTML 4Page - Integrated Device Technology 8304AMILF Datasheet HTML 5Page - Integrated Device Technology 8304AMILF Datasheet HTML 6Page - Integrated Device Technology 8304AMILF Datasheet HTML 7Page - Integrated Device Technology 8304AMILF Datasheet HTML 8Page - Integrated Device Technology 8304AMILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
8304I Data Sheet
©2015 Integrated Device Technology, Inc
December 10, 2015
2
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4pF
C
PD
Power Dissipation Capacitance
(per output)
V
DD
, V
DDO
= 3.465V
15
pF
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
R
OUT
Output Impedance
7
Ω
Number
Name
Type
Description
1V
DDO
Power
Output supply pin. Connect to 3.3V or 2.5V.
2V
DD
Power
Positive supply pin. Connect to 3.3V.
3
CLK
Input
Pulldown
LVCMOS / LVTTL clock input.
4
GND
Power
Power supply ground. Connect to ground.
5
Q0
Output
Single clock output. LVCMOS / LVTTL interface levels.
6
Q1
Output
Single clock output. LVCMOS / LVTTL interface levels.
7
Q2
Output
Single clock output. LVCMOS / LVTTL interface levels.
8
Q3
Output
Single clock output. LVCMOS / LVTTL interface levels.
NOTE: Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com