Electronic Components Datasheet Search
  English  ▼

X  

83026AMILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 83026AMILF
Description  Differential-to-LVCMOS/LVTTL Fanout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83026AMILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 83026AMILF Datasheet HTML 4Page - Integrated Device Technology 83026AMILF Datasheet HTML 5Page - Integrated Device Technology 83026AMILF Datasheet HTML 6Page - Integrated Device Technology 83026AMILF Datasheet HTML 7Page - Integrated Device Technology 83026AMILF Datasheet HTML 8Page - Integrated Device Technology 83026AMILF Datasheet HTML 9Page - Integrated Device Technology 83026AMILF Datasheet HTML 10Page - Integrated Device Technology 83026AMILF Datasheet HTML 11Page - Integrated Device Technology 83026AMILF Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
©2015 Integrated Device Technology, Inc
December 15, 2015
83026I Datasheet
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
1
Revised General Description.
8/9/02
B
T2
T7
1
2
6 - 7
11
Features Section - added Lead-Free bullet.
Pin Characteristics Table - changed CIN 4pF max. to 4pF typical. Added 5min. and
12
max. to R
OUT row.
Added Application Information section.
Added Lead-Free part number to Ordering Information Table.
11/9/04
C
T3C
T4
1
1
3
4
5
8
Features Section - added Additive Phase Jitter bullet.
Pin Assignment - corrected package dimensions.
Differential DC Characteristics Table - updated NOTES.
AC Characteristics Tables - added Additive Phase Jitter row.
Added Additive Phase Jitter Plot.
Updated Differential Clock Input Interface.
Converted datasheet format.
8/26/09
CT7
1
10
12
Features Section - removed leaded device reference
Ordering Information Table - removed leaded devices. PDN# CQ-13-02
Updated Support email address
5/30/14
CT7
1
10
Removed HiPerClockS from the General Description.
Removed ICS from the part number.
Ordering Information - Removed 2500 from Tape and Reel. Removed LF note below
the table.
Updated datasheet header and footer.
12/15/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com