Electronic Components Datasheet Search
  English  ▼

X  

831742AGILF Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 831742AGILF
Description  4:2 Differential Clock/Data Multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831742AGILF Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 831742AGILF Datasheet HTML 10Page - Integrated Device Technology 831742AGILF Datasheet HTML 11Page - Integrated Device Technology 831742AGILF Datasheet HTML 12Page - Integrated Device Technology 831742AGILF Datasheet HTML 13Page - Integrated Device Technology 831742AGILF Datasheet HTML 14Page - Integrated Device Technology 831742AGILF Datasheet HTML 15Page - Integrated Device Technology 831742AGILF Datasheet HTML 16Page - Integrated Device Technology 831742AGILF Datasheet HTML 17Page - Integrated Device Technology 831742AGILF Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
©2017 Integrated Device Technology, Inc
August 17, 2017
831742I Datasheet
3. Calculations and Equations.
The purpose of this section is to calculate power dissipation on the IC per HCSL output pair.
HCSL output driver circuit and termination are shown in Figure 4.
Figure 4. HCSL Driver Circuit and Termination
HCSL is a current steering output which sources a maximum of 17mA of current per output. To calculate worst case on-chip power dissipation,
use the following equations which assume a 50
 load to ground.
The highest power dissipation occurs when VDD_MAX.
Power = (VDD_MAX – VOUT) * IOUT,
since VOUT = IOUT * RL
= (VDD_MAX – IOUT * RL) * IOUT
= (3.6V – 17mA * 50
) * 17mA
Total Power Dissipation per output pair = 46.8mW
VDD
VOUT
RL
50
IC
IOUT = 17mA
RREF =
475
± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com