Electronic Components Datasheet Search
  English  ▼

X  

P3586 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P3586
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3586 Datasheet(HTML) 1 Page - Unisonic Technologies

  P3586 Datasheet HTML 1Page - Unisonic Technologies P3586 Datasheet HTML 2Page - Unisonic Technologies P3586 Datasheet HTML 3Page - Unisonic Technologies P3586 Datasheet HTML 4Page - Unisonic Technologies P3586 Datasheet HTML 5Page - Unisonic Technologies P3586 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P3586
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-050.C
PWM CONTROL 3A STEP-DOWN
CONVERTER
DESCRIPTION
The UTC P3586 is a fixed 1.2MHz frequency, voltage mode, PWM
controller with an internal power MOSFET. It supplies 3A continuous
output current over a wide input supply range with excellent load and line
regulation.
An internal reference voltage source provides low output voltage down
to 0.8V for further applications. A PWM control circuit can provide 0~100%
duty ratio.
The reliability of UTC P3586 achieved by such protection circuits. An UVLO (Under voltage lock output) circuit
monitors the VCC supply voltage to prevent wrong logic controls. The controller’s OCP (Over current protection)
circuit monitors the output current by using the voltage drop across the power MOSFET’s RDS saving the use of a
current sensing resistor. Over current protection circuit also monitors the voltage on FB pin under short-circuit
conditions.
The UTC P3586 is generally applied in portable devices. For maximum flexibility in determining loop dynamic,
this device is equipped with compensation pin. In addition, it is requiring less external components for operation due
to its configuration.
FEATURES
* 3A Output Current
* 1.2MHz Frequency
* Input Voltage Range: 3.6V to 23V
* 10μA Shutdown Supply Current
* Output Voltage Varies from 0.8V to VCC
* Frequency fold back at Short Circuit
* Protection Circuits:
UVLO, Thermal Shutdown, OCP
*Low ESR Output Capacitor (Multi-Layer Chip Capacitor (MLCC)) Application.
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
P3586L-S08-T
P3586G-S08-T
SOP-8
Tube
P3586L-S08-R
P3586G-S08-R
SOP-8
Tape Reel
P3586G-S08-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free, L: Lead Free


Similar Part No. - P3586

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586G-S08-R UTC-P3586G-S08-R Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results

Similar Description - P3586

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com