Electronic Components Datasheet Search
  English  ▼

X  

UC3655L-12-AF5-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UC3655L-12-AF5-R
Description  500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3655L-12-AF5-R Datasheet(HTML) 9 Page - Unisonic Technologies

  UC3655L-12-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3655L-12-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3655L-12-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3655L-12-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3655L-12-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3655L-12-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3655L-12-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3655L-12-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3655L-12-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UC3655
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-280.F
TYPICAL CHARACTERISTICS
Time (400ns/div)
0
2000
4000
Time (200µs/div)
0
0
Lx: CH1: SW, CH2: VO, CH3: IO=100mA
Transfer Response
IO=250~500mA
0
1000
2000
CH1
CH2
CH1
CH2
CH3
0
0
0
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com