Electronic Components Datasheet Search
  English  ▼

X  

MP03498 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03498
Description  SAW Filter 190.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03498 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03498 Datasheet HTML 1Page - Golledge Electronics Ltd MP03498 Datasheet HTML 2Page - Golledge Electronics Ltd MP03498 Datasheet HTML 3Page - Golledge Electronics Ltd MP03498 Datasheet HTML 4Page - Golledge Electronics Ltd MP03498 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 190.0MHz
Model: TB0529A
Part No: MP03498
Rev No: 1
TB0529A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -10°C ~ +80°C
2. Storage Temperature: -40°C ~ +85°C
3. Input Power Level: 10dBm
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
190
-
-
Maximum Insertion loss IL dB
-
5.3
7.0
-
3dB Bandwidth MHz
4.60
6.80
-
-
Passband Ripple (Fc ± 2MHz) MHz
-
0.60
2.00
-
Group Delay Ripple (Fc ± 2MHz) nS
-
30
100
-
Attenuation: (Reference level from Max. IL)
From Fc ± 5MHz to Fc ± 7.5MHz dB
10
15
-
-
From Fc ± 7.5MHz to Fc ± 12.5MHz dB
25
35
-
-
From Fc ± 12.5MHz to Fc ± 100MHz dB
36
40
-
-
Temp Coefficient ppm/°C
-
-18
-
-


Similar Part No. - MP03498

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03499 GOLLEDGE-MP03499 Datasheet
137Kb / 5P
SAW Filter 193.70MHz
More results

Similar Description - MP03498

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA06396 GOLLEDGE-MA06396 Datasheet
90Kb / 4P
SAW Filter 190.0MHz
MA07913 GOLLEDGE-MA07913 Datasheet
168Kb / 4P
SAW Filter 190.0MHz
MP04740 GOLLEDGE-MP04740 Datasheet
219Kb / 5P
SAW Filter 190.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com