Electronic Components Datasheet Search
  English  ▼

X  

MP03533 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03533
Description  SAW Filter 288.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03533 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03533 Datasheet HTML 1Page - Golledge Electronics Ltd MP03533 Datasheet HTML 2Page - Golledge Electronics Ltd MP03533 Datasheet HTML 3Page - Golledge Electronics Ltd MP03533 Datasheet HTML 4Page - Golledge Electronics Ltd MP03533 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 288.0MHz
Model: TB0587A
Part No: MP03533
Rev No: 1
TB0587A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. Operating Temperature: -40°C ~ 85°C
3. Storage Temperature: -40°C ~ +85°C
B. CHARACTERISTICS:
Value
Characteristics
Min.
Typ.
Max.
Wanted
Center frequency Fc MHz
-
288
-
-
Minimum Insertion loss IL dB
-
15.8
17.0
-
1.5dB Bandwidth MHz
5.6
6.23
-
-
Amplitude Ripple (Fc ± 2.5MHz) dB
-
0.8
1.2
-
Group-delay Ripple (Fc ± 2.8MHz) nsec
-
140
200
-
Average-delay (Fc ± 2.8MHz) usec
0.55
Input Output Return Loss at Fc dB
9
11
Temp Coefficient ppm / oC2
0.032
Attenuation (Reference level from Min. insertion loss)
Fc ± 4.30MHz dB
18
23
-
Fc ± 7.10MHz dB
38
42
-
Fc ± 9.30MHz dB
43
48
-
Fc ± 18.6MHz dB
45
55
-


Similar Part No. - MP03533

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03530 GOLLEDGE-MP03530 Datasheet
104Kb / 6P
SAW Filter 257.50MHz
MP03531 GOLLEDGE-MP03531 Datasheet
91Kb / 6P
SAW Filter 279.880MHz
MP03532 GOLLEDGE-MP03532 Datasheet
129Kb / 6P
SAW Filter 280.0MHz
More results

Similar Description - MP03533

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP03556 GOLLEDGE-MP03556 Datasheet
76Kb / 4P
SAW Filter 288.0MHz
MP03557 GOLLEDGE-MP03557 Datasheet
82Kb / 6P
SAW Filter 288.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com