Electronic Components Datasheet Search
  English  ▼

X  

SCM-013RT Datasheet(PDF) 1 Page - Rohm

Part # SCM-013RT
Description  Infrared Light Emitting Diodes Top View Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCM-013RT Datasheet(HTML) 1 Page - Rohm

  SCM-013RT Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Copyright © 1997-2011 ROHM CO.,LTD.
Outline
Surface Mount Type
(Topview)
Dimensions
[ Product description ]
ROHM's opetical sensors serve as eyes to monitor changes of any motions,
and comply with customers' day-to-day diversifying requests.
・
Molded type with lenz
・
Automatic mount and reflow
Features
Product specifications
Absolute maximum ratings (Ta=25ºC)
Rated parameters
Standard value
Conditions
Forward current IF(mA)
30
Reverse voltage VR(V)
5
Power dissipation PD(mW)
57
Peak forward current IFP(A)
0.5 Duty1/10,kHz
Operating temperature Topr(ºC)
-30 to 85
Storage temperature Tstg(ºC)
-30 to 100
Electro-optical characteristics (Ta=25ºC)
Rated parameters
Standard value
Conditions
Optical output PO
-
Emitting strength-Min. IE(mW/sr)
0.5 IF=20mA
Emitting strength-Typ. IE(mW/sr)
2 IF=20mA
Forward voltage VF(V)
1.6 IF=20mA
Reverse current IR(µA)
10 VR=5V
Peak light emitting wavelength λP(nm)
850 IF=20mA
Spectral line half width ∆λ
-
Half viewing angle θ1/2
-
Response time tr·tf
-
Cut-off frequency FC
-
*The contents described here are just outline for introduction.
Please obtain the specification sheets from us for thorough check before use.
Infrared Light Emitting Diodes Top View Type
SCM-013RT
Page 1 of 1
| Infrared Light Emitting Diodes | Opto Electronics | ROHM CO., LTD.
6/20/2011
http://www.rohm.com/products/opto_device/sensor/diode/scm-013rt/print.html


Similar Part No. - SCM-013RT

ManufacturerPart #DatasheetDescription
logo
Rohm
SCM-013RTT86 ROHM-SCM-013RTT86 Datasheet
191Kb / 1P
Infrared Light Emitting Diodes Top View Type
More results

Similar Description - SCM-013RT

ManufacturerPart #DatasheetDescription
logo
Rohm
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
Infrared light emitting diode, top view type
SIR-563ST3F ROHM-SIR-563ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
SIR-568ST3F ROHM-SIR-568ST3F Datasheet
59Kb / 3P
Infrared light emitting diode, top view type
SIR-56ST3F ROHM-SIR-56ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
SIR-34ST3F ROHM-SIR-34ST3F Datasheet
83Kb / 4P
Infrared light emitting diode, top view type
SIR-568ST3F ROHM-SIR-568ST3F_1 Datasheet
70Kb / 4P
Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F_1 Datasheet
69Kb / 4P
Infrared light emitting diode, top view type
SIR-34ST3F ROHM-SIR-34ST3F Datasheet
81Kb / 4P
Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47_07 Datasheet
60Kb / 3P
Infrared light emitting diode, top view type
SCM-013RTT86 ROHM-SCM-013RTT86 Datasheet
191Kb / 1P
Infrared Light Emitting Diodes Top View Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com