Electronic Components Datasheet Search
  English  ▼

X  

M1512 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1512
Description  8 FUNCTIONS 5 LED FLASH IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1512 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1512 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1512 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8 FUNCTIONS
八段功能
5 LED FLASH IC
5 LED 闪烁 IC
2/2
2004-12-07
LED FLASH
M1512
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PAD ASSIGNMENT&POSITION
* CHIP SIZE ~ 1.26 X 0.96 mm
2
* IC substrate should be connected to VDD in PCB (PCB 上 IC 必须接 VDD)
( 以上电路及规格仅供参考,本公司得径行修正 )
Unit : um
NO NAME
X
Y
1
TG
-505.75
15.5
2
TEST
-505.75 -206.25
3
VDD
-505.75
-359
4
Y
-340.75
-359
5
X
240.5
-359
6
VSS
400.5
-359
7
AUTO
505
-95.75
8
L5
505
76.25
9
L4
340.25
352.75
10
L3
-35.75
352.75
11
L2
-195.75 352.75
12
L1
-505.75 352.75
( 0,0 )
X
Y
9
10
11
12
1
2
3
4
5
6
7
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com