Electronic Components Datasheet Search
  English  ▼

X  

FSA8049 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA8049
Description  Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA8049 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA8049 Datasheet HTML 1Page - ON Semiconductor FSA8049 Datasheet HTML 2Page - ON Semiconductor FSA8049 Datasheet HTML 3Page - ON Semiconductor FSA8049 Datasheet HTML 4Page - ON Semiconductor FSA8049 Datasheet HTML 5Page - ON Semiconductor FSA8049 Datasheet HTML 6Page - ON Semiconductor FSA8049 Datasheet HTML 7Page - ON Semiconductor FSA8049 Datasheet HTML 8Page - ON Semiconductor FSA8049 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
August 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA8049 • Rev. 1.0.2
FSA8049
Audio Jack Detection and Configuration, MIC / GND
Cross Point Switch
Features
Detection
Audio Plug GND & MIC Polarity
VDD
2.5 to 4.4 V
THD (MIC)
0.002% Typical
ESD (IEC 61000-4-2)
(Air Gap)
15 kV
Operating Temperature
-40°C to 85°C
Package
9-Ball WLCSP 3x3 Array, 0.4 mm
Terminal Pitch, 250 µm Ball
Top Mark
M3
Ordering Information
FSA8049UCX
Applications
Cellular Phones, Smart Phones
MP3 and Portable Multimedia Player
Description
The FSA8049 is an audio jack detection switch for 3- or
4-pole accessories. The FSA8049 detects the locations of
ground (GND) and microphone (MIC) poles on the audio
plug and automatically routes them to the appropriate
connections. This allows the end user to plug accessories,
such as headsets with different audio pole configurations,
into the mobile device and have them operate correctly.
Detects 3- or 4-pole audio accessories
Detects polarity of GND and MIC on 4-pole plugs
Automatically routes GND and MIC to audio jack terminals
Related Resources
For evaluation boards and questions, please contact:
Analog.Switch@fairchildsemi.com.
Typical Application
Figure 1. Mobile Phone Example
Oscillator &
Logic
100m
Ω
MIC
GNDA
GND/MIC2
GND/MIC1
VDD
Detection
EN
Switch Enable
Timing
CEXT
Audio Jack
LSPKR
RSPKR
3Pole
4Pole
To Audio Plug
Detection Circuit
Audio
Sub System
MIC Bias
MIC
Baseband
Processor
GPIO
RMIC
CMIC
5
Ω
tOn/Off
Capacitor
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com