Electronic Components Datasheet Search
  English  ▼

X  

FSAV433 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSAV433
Description  High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAV433 Datasheet(HTML) 2 Page - ON Semiconductor

  FSAV433 Datasheet HTML 1Page - ON Semiconductor FSAV433 Datasheet HTML 2Page - ON Semiconductor FSAV433 Datasheet HTML 3Page - ON Semiconductor FSAV433 Datasheet HTML 4Page - ON Semiconductor FSAV433 Datasheet HTML 5Page - ON Semiconductor FSAV433 Datasheet HTML 6Page - ON Semiconductor FSAV433 Datasheet HTML 7Page - ON Semiconductor FSAV433 Datasheet HTML 8Page - ON Semiconductor FSAV433 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
January 2011
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV433 • Rev. 1.4.3
FSAV433 — High-Bandwidth (550MHz), 3-Channel, 3:1
Video Switch
Features
Ground between Channels to Optimize Isolation
and Reduce Hostile Crosstalk
-70dB Non-Adjacent Channel Crosstalk at 30MHz
On Resistance: 6.5Ω (Typical)
-3dB Bandwidth: 550MHz
Low Power Consumption: 1µA (Maximum)
Applications
RGB Video Switch in LCD, Plasma and Projector
Displays
DVD-RW
Description
The FSAV433 is an ultra-low power, high-bandwidth
video switch specially designed for switching three
analog video signals, including computer RGB and high-
definition YPbPr signals. The wide bandwidth (550MHz)
of the switch allows signal passage with minimum edge
and phase distortion, while
−70dB non-adjacent channel
crosstalk generates negligible image noise between
active channels. Optimized differential gain and phases
maintain the image integrity of video applications, while
low on resistance offers low signal insertion loss.
The Fairchild switch family derives from and embodies
Fairchild’s proven switch technology used for years in its
74LVX3L384 (FST3384) bus switch product.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FSAV433MTCX
-40 to +85°C
20-Lead, Thin Shrink Small Outline Package
(TSSOP), JEDEC MO-153, 4.4mm Wide
Tape and Reel
Figure 1. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com