Electronic Components Datasheet Search
  English  ▼

X  

2701012 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2701012
Description  Memory - VL I7 320 GB HDD KIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701012 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2701012 Datasheet HTML 1Page - PHOENIX CONTACT 2701012 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/2701012
09/03/2014   Page 1 / 2
Memory - VL I7 320 GB HDD KIT - 2701012
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
320 GB, 2.5" SATA HDD kit for Valueline IPC with Intel® Core™ I7 processor. Includes tray.
Product description
Data storage  
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
300.0 GRM
Custom tariff number
84717050
Country of origin
Taiwan
Technical data
Product type
Storage medium
Classifications
eCl@ss
eCl@ss 4.0
27250315
eCl@ss 4.1
27250315
eCl@ss 5.0
27259205
eCl@ss 5.1
27259205
eCl@ss 6.0
27259205
eCl@ss 7.0
27242692
eCl@ss 8.0
27242692
ETIM
ETIM 3.0
EC001413
ETIM 4.0
EC002584
ETIM 5.0
EC001675


Similar Part No. - 2701012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701011 PHOENIX-2701011 Datasheet
40Kb / 2P
Memory - VL I7 250 GB HDD KIT
2701013 PHOENIX-2701013 Datasheet
45Kb / 2P
Memory - VL I7 80 GB SSD KIT
2701014 PHOENIX-2701014 Datasheet
45Kb / 2P
Memory - VL I7 160 GB SSD KIT
logo
Integrated Technology F...
270101B ITF-270101B Datasheet
196Kb / 5P
SAW Bandpass Filter
2004-03-16
More results

Similar Description - 2701012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2400078 PHOENIX-2400078 Datasheet
49Kb / 1P
Memory - BL PPC 1000 320 GB HDD KIT
2701013 PHOENIX-2701013 Datasheet
45Kb / 2P
Memory - VL I7 80 GB SSD KIT
2701014 PHOENIX-2701014 Datasheet
45Kb / 2P
Memory - VL I7 160 GB SSD KIT
2701110 PHOENIX-2701110 Datasheet
45Kb / 2P
Memory - VL 250 GB HDD KIT
2701111 PHOENIX-2701111 Datasheet
45Kb / 2P
Memory - VL 320 GB HDD KIT
2701113 PHOENIX-2701113 Datasheet
45Kb / 2P
Memory - VL 160 GB SSD KIT
2913197 PHOENIX-2913197 Datasheet
79Kb / 2P
VL 160 GB HDD KIT
2400028 PHOENIX-2400028 Datasheet
44Kb / 2P
Memory - DL 320 GB HDD KIT
2400341 PHOENIX-2400341 Datasheet
43Kb / 2P
Memory - VL2 320 GB HDD SATA KIT
2701011 PHOENIX-2701011 Datasheet
40Kb / 2P
Memory - VL I7 250 GB HDD KIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com