Electronic Components Datasheet Search
  English  ▼

X  

G3RZ Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3RZ
Description  Power MOS FET Relays with the Same Shape as the G2R for Both AC and DC, Capable of 1 A Load Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3RZ Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3RZ Datasheet HTML 1Page - Omron Electronics LLC G3RZ Datasheet HTML 2Page - Omron Electronics LLC G3RZ Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G3RZ
2
Engineering Data
Dimensions
(Unit: mm)
Options (Order Separately)
Connection Sockets
Use one of the following Sockets: P2RF-05, P2RF-05-E, P2RF-05-S, P2R-05A, P2R-05P, or P2R-057P.
Refer to your OMRON website for details.
Safety Precautions
Refer to the Common Solid State Relay Precautions for common precautions.
Load Current vs. Ambient Temperature Rating
Surge withstand current
Non-repetitive (If repetitive, keep the inrush current below
the dotted line.)
G3RZ-201SLN
G3RZ-201SLN
1.4
1.2
1
0.8
0.7
0.6
0.4
0.2
0
Ambient temperature (°C)
100
85
80
60
55
40
20
0
−20
−30
Single Relay mounted
16 Relays mounted
14
12
10
8
6
4
2
0
Energizing time (ms)
10,000
5,000
3,000
1,000
500
300
100
50
30
10
5
9.6
17.4±0.05
4.7
5.2±0.05
13 max. 10
28 max.
21 max.
6
1
7.5±0.1 4
29 max.
2.4
4.75
4
9
10
0.5
Input voltage
Load
Load
power
Terminal Arrangement/In-
ternal Connections
(Bottom View)
G3RZ-201SLN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com