Electronic Components Datasheet Search
  English  ▼

X  

G7T Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G7T
Description  Slim-styled I/O Relay Saves Space in Panel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7T Datasheet(HTML) 2 Page - Omron Electronics LLC

  G7T Datasheet HTML 1Page - Omron Electronics LLC G7T Datasheet HTML 2Page - Omron Electronics LLC G7T Datasheet HTML 3Page - Omron Electronics LLC G7T Datasheet HTML 4Page - Omron Electronics LLC G7T Datasheet HTML 5Page - Omron Electronics LLC G7T Datasheet HTML 6Page - Omron Electronics LLC G7T Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
G7T
2
■ Accessories
Socket
P70 Indicator Module
Remove the transparent style strip of the Socket and mount this module. It will function as an operation indicator with surge suppression.
Note: 1. Order the Indicator Module that is suited to the Relay coil voltage.
2. The Indicator Module for DC Relays has a multiple power supply common to 12 and 24 VDC.
3. Input current (reference values):
100/110 VAC: 1.14 to 1.38 mA
200/220 VAC: 1.40 to 1.71 mA
12/24 VDC: 4.83 to 5.90 mA
Specifications
■ Ratings
Coil Ratings (Common to Both Input and Output)
Note: 1. The rated current and coil resistance values are measured at a coil temperature of 23
°C. Tolerances of AC rated current are +15%, –20%
and tolerances of coil resistance are
±15%.
2. Four rated voltages or currents are available to single AC models used with the P7TF-05 Socket. Only three rated voltages or currents
are available, however, when the Relay is used in place of the G7TC.
3. The operating characteristics values are for a coil temperature of 23
°C.
4. The maximum voltage is one that is applicable to the Relay coil instantaneously at 23
°C and not continuously.
Contact Ratings
Applicable Relay
Model
All G7T I/O Relay and the G3TA models.
P7TF-05
Model
Applicable Relay coil voltage
Remarks
For AC Relay
P70A
100/110 VAC
Surge suppressing system with varistor
200/220 VAC
For DC Relay
P70D
12/24 VDC
Surge suppressing system with diode
Item
Rated current
Coil
resistance
Must operate
voltage
Must release
voltage
Max. voltage
Power
consumption
Rated voltage (V)
50 Hz
60 Hz
AC
100/110
8.2/9 mA
7/7.7 mA
8,700
Ω
80% max. of
rated value
30% min. of rat-
ed value
110% of rated
value
0.7 VA
200/220
4.1/4.5 mA
3.5/3.85 mA
33,300
Ω
DC
12
42 mA
290
Ω
80% max. of
rated value
10% min. of rat-
ed value
110% of rated
value
0.5 W
24
21 mA
1,150
Ω
100/110
5 mA
20,000
Ω
80% max. of
rated value
10% min. of rat-
ed value
110% of rated
value
0.5 W
Classification
For input
For output
Item
Resistive load
(cos
φ = 1)
Inductive load
(L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4, L/R = 7 ms)
Contact mechanism
Crossbar bifurcated
Single
Contact material
AgAu-clad Ag
AgSnIn
Rated load
1 A at 24 VDC
0.5 A at 24 VDC
5 A at 24 VDC
2 A at 220 VAC
2 A at 24 VDC
1 A at 220 VAC
Rated carry current
1 A
5 A
Max. switching voltage
250 VAC, 125 VDC
Max. switching current
1 A
5 A
Failure rate (reference value)
100
μA at 1 VDC
10 mA at 5 VDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com