Electronic Components Datasheet Search
  English  ▼

X  

4750-8 Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # 4750-8
Description  3/16 HEX JACK SCREWS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

4750-8 Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  4750-8 Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
5/8
[15.88]
MIN.
0.100
[2.54]
3/16
[4.76]
3/16
[4.76]
HEX
3/16 HEX JACK SCREWS
4750-8
3.93
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/08/17
COMPONENT
HEX JACK SCREWS
NOTES:
1. SUPPLIED WITH
TWO (2) #4 FLAT WASHERS
ONE (1) #4 LOCK WASHER
ONE (1) #4-40 NUT
2. SUPPLIED UNASSEMBLED
3. Material : STEEL ASTM-108
4. Finish : Zinc Plate Per ASTM B-633 (Yellow Chromate)
5. ASME Y14.5M - 2009
6. All Drawing Dimensions are in Inches [mm]
7. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
THREAD
4-40 UNC 2B
THREAD
4-40 UNC 2A


Similar Part No. - 4750-8

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4750-1 RAF-4750-1 Datasheet
98Kb / 1P
3/16 HEX JACK SCREWS
4750-10 RAF-4750-10 Datasheet
135Kb / 1P
3/16 HEX JACK SCREWS
4750-2 RAF-4750-2 Datasheet
105Kb / 1P
3/16 HEX JACK SCREWS
4750-3 RAF-4750-3 Datasheet
109Kb / 1P
3/16 HEX JACK SCREWS
4750-4 RAF-4750-4 Datasheet
114Kb / 1P
3/16 HEX JACK SCREWS
More results

Similar Description - 4750-8

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4750-1 RAF-4750-1 Datasheet
98Kb / 1P
3/16 HEX JACK SCREWS
4750-2 RAF-4750-2 Datasheet
105Kb / 1P
3/16 HEX JACK SCREWS
4750-3 RAF-4750-3 Datasheet
109Kb / 1P
3/16 HEX JACK SCREWS
4750-4 RAF-4750-4 Datasheet
114Kb / 1P
3/16 HEX JACK SCREWS
4750-5 RAF-4750-5 Datasheet
117Kb / 1P
3/16 HEX JACK SCREWS
4750-6 RAF-4750-6 Datasheet
119Kb / 1P
3/16 HEX JACK SCREWS
4750-7 RAF-4750-7 Datasheet
125Kb / 1P
3/16 HEX JACK SCREWS
4750-10 RAF-4750-10 Datasheet
135Kb / 1P
3/16 HEX JACK SCREWS
4750-9 RAF-4750-9 Datasheet
151Kb / 1P
3/16 HEX JACK SCREWS
M3215-3005-3005 RAF-M3215-3005-3005 Datasheet
139Kb / 1P
5 MM HEX JACK SCREWS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com