Electronic Components Datasheet Search
  English  ▼

X  

6902-SS Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # 6902-SS
Description  PRECISION SHOULDER SCREWS SOCKET HEAD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

6902-SS Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  6902-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
1/8 (C)
[3.18]
5/32(E)
[4.0]
1/4 (A)
[6.35]
1/16 MIN.
[1.59]
0.1245(B)
[3.16]
0.1875(D)
[4.76]
5/64 [1.98] (F)
HEX
TOLERANCE DETAILS
1
A
0.004 [ 0.10]
2
B
+0.000 [+0.00]
-0.001 [-0.03]
3
C
0.010 [ 0.30]
4
D
+0.002 [+0.05]
-0.000 [-0.00]
5
E
0.005 [ 0.13]
6
F
+0.002 [+0.05]
-0.000 [-0.00]
SOCKET HEAD
PRECISION SHOULDER SCREWS
6902-SS
5.57
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/27/16
COMPONENT
SOCKET HEAD
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5-M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
4-40 THD.
CHAMFER
UNDERCUT 1½ THREADS
TO MINOR DIA.
1/32 [0.79] WIDE
0.005 [0.13]


Similar Part No. - 6902-SS

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
69020-0122 MOLEX11-69020-0122 Datasheet
289Kb / 9P
90075 PHONE PLUG ARBOR PRESS
69020-0122 MOLEX11-69020-0122 Datasheet
289Kb / 9P
PHONE PLUG TOOLING ADAPT. KIT FOR 60026 PRESS
69020-0127 MOLEX11-69020-0127 Datasheet
289Kb / 9P
90075 PHONE PLUG ARBOR PRESS
69020-0127 MOLEX11-69020-0127 Datasheet
289Kb / 9P
PHONE PLUG TOOLING ADAPT. KIT FOR 60026 PRESS
69020-0136 MOLEX11-69020-0136 Datasheet
289Kb / 9P
90075 PHONE PLUG ARBOR PRESS
More results

Similar Description - 6902-SS

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
6901-SS RAF-6901-SS Datasheet
101Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6903-SS RAF-6903-SS Datasheet
96Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6907-SS RAF-6907-SS Datasheet
90Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6909-SS RAF-6909-SS Datasheet
100Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6921-SS RAF-6921-SS Datasheet
99Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6925-SS RAF-6925-SS Datasheet
94Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6935-SS RAF-6935-SS Datasheet
110Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6936-SS RAF-6936-SS Datasheet
121Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6937-SS RAF-6937-SS Datasheet
109Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
M3373-SS RAF-M3373-SS Datasheet
80Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com