Electronic Components Datasheet Search
  English  ▼

X  

8530 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 8530
Description  Low Skew, 1-to16, Differential-to-2.5V LVPECL Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8530 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 8530 Datasheet HTML 5Page - Integrated Device Technology 8530 Datasheet HTML 6Page - Integrated Device Technology 8530 Datasheet HTML 7Page - Integrated Device Technology 8530 Datasheet HTML 8Page - Integrated Device Technology 8530 Datasheet HTML 9Page - Integrated Device Technology 8530 Datasheet HTML 10Page - Integrated Device Technology 8530 Datasheet HTML 11Page - Integrated Device Technology 8530 Datasheet HTML 12Page - Integrated Device Technology 8530 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LOW SKEW, 1-TO16, DIFFERENTIAL-TO-2.5V LVPECL FANOUT
BUFFER
9
REVISION G 06/26/15
8530 DATA SHEET
Termination for 2.5V LVPECL Outputs
Figure 3A and Figure 3B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCCO – 2V. For VCCO = 2.5V, the VCCO – 2V is very close to ground
level. The R3 in Figure 3B can be eliminated and the termination is
shown in Figure 3C.
Figure 3A. 2.5V LVPECL Driver Termination Example
Figure 3C. 2.5V LVPECL Driver Termination Example
Figure 3B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50Ω
50Ω
R1
250Ω
R3
250Ω
R2
62.5Ω
R4
62.5Ω
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50Ω
50Ω
R1
50Ω
R2
50Ω
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50Ω
50Ω
R1
50Ω
R2
50Ω
R3
18Ω
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com