Electronic Components Datasheet Search
  English  ▼

X  

852911AVILFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 852911AVILFT
Description  Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

852911AVILFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 852911AVILFT Datasheet HTML 3Page - Integrated Device Technology 852911AVILFT Datasheet HTML 4Page - Integrated Device Technology 852911AVILFT Datasheet HTML 5Page - Integrated Device Technology 852911AVILFT Datasheet HTML 6Page - Integrated Device Technology 852911AVILFT Datasheet HTML 7Page - Integrated Device Technology 852911AVILFT Datasheet HTML 8Page - Integrated Device Technology 852911AVILFT Datasheet HTML 9Page - Integrated Device Technology 852911AVILFT Datasheet HTML 10Page - Integrated Device Technology 852911AVILFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
852911I Data Sheet
©2016 Integrated Device Technology, Inc
Revision A January 21, 2016
7
FIGURE 2C.
HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY 3.3V LVPECL DRIVER
FIGURE 2B. HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY 3.3V LVPECL DRIVER
FIGURE 2D.
HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY 3.3V LVDS DRIVER
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
DIFFERENTIAL CLOCK INPUT INTERFACE
The HSTL_CLK/nHSTL_CLK accepts LVDS, LVPECL, HSTL,
SSTL, HCSL and other differential signals. Both VSWING and VOH
must meet the VPP and VCMR input requirements. Figures 2A to 2E
show interface examples for the HSTL_CLK/nHSTL_CLK input
driven by the most common driver types. The input interfaces
FIGURE 2A.
HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY HSTL DRIVER
suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example in Figure 2A, the input termination
applies for HSTL drivers. If you are using an HSTL driver from
another vendor, use their termination recommendation.
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
FIGURE 2E.
HSTL_CLK/nHSTL_CLK
INPUT DRIVEN BY 3.3V LVPECL DRIVER WITH
AC COUPLE
Zo = 50 Ohm
R3
125
HiPerClockS
CLK
nCLK
3.3V
R5
100 - 200
3.3V
R2
84
3.3V
R6
100 - 200
Input
R5,R6 locate near the driver pin.
Zo = 50 Ohm
R1
84
R4
125
C2
LVPECL
C1
Zo = 50 Ohm
R1
100
3.3V
LVDS_Driv er
Zo = 50 Ohm
Receiv er
CLK
nCLK
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com