Electronic Components Datasheet Search
  English  ▼

X  

FSA551 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA551
Description  Dual SPST Depletion Mode Audio Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA551 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA551 Datasheet HTML 1Page - ON Semiconductor FSA551 Datasheet HTML 2Page - ON Semiconductor FSA551 Datasheet HTML 3Page - ON Semiconductor FSA551 Datasheet HTML 4Page - ON Semiconductor FSA551 Datasheet HTML 5Page - ON Semiconductor FSA551 Datasheet HTML 6Page - ON Semiconductor FSA551 Datasheet HTML 7Page - ON Semiconductor FSA551 Datasheet HTML 8Page - ON Semiconductor FSA551 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA551 • Rev. 1.7
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply/Control Voltage
-0.5
4.6
V
VCNTRL
Control Input Voltage
#1S, #2S
-0.5
4.6
V
VSW(ON)
DC Switch I/O Voltage (Switch Conducting)
1A, 1B, 2A, 2B
-0.5
3.3
V
VSW(OFF) DC Switch I/O Voltage (Switch Isolated)
1A, 1B, 2A, 2B
-0.5
3.3
V
ISW
Switch I/O Current
VCC=0 V (Switch Conducting)
350
mA
ISWPEAK
Peak Switch Current
Pulsed at 1 ms Duration,
<10% Duty Cycle
500
mA
ESD
Human Body Model, ANSI/ESDA/JEDEC
JS-001-2012
I/O Ports
7
kV
All Other Pins
5
Charged Device Model, JEDEC: JESD22-C101
2
IEC 61000-4-2 System
Contact
8
Air Gap
15
TA
Absolute Maximum Operating Temperature
-40
+85
°C
JA
Thermal Resistance, Junction-to-Ambient
2S2P JEDEC std. PCB
97
°C/W
TSTG
Storage Temperature
-65
+150
°C
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding these ratings or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC(ON)
Supply Voltage with Depletion Switch Conducting (1A=1B; 2A=2B)
0
0.2
V
VCC(OFF)
Supply Voltage with Depletion Switch Isolated (1A
≠1B; 2A≠2B; #1S=#2S=HIGH)
1.5
3.0
V
VSW(ON)
DC Switch I/O Voltage
Switch Conducting
-0.3
3.0
V
VSW(OFF) DC Switch I/O Voltage
Switch Isolated
-0.3
3.0
V
VCNTRL
Control Input Voltage
#1S, #2S
0
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com