Electronic Components Datasheet Search
  English  ▼

X  

FSA646 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA646
Description  2:1 MIPI D-PHY 4-Data Lane Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA646 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA646 Datasheet HTML 1Page - ON Semiconductor FSA646 Datasheet HTML 2Page - ON Semiconductor FSA646 Datasheet HTML 3Page - ON Semiconductor FSA646 Datasheet HTML 4Page - ON Semiconductor FSA646 Datasheet HTML 5Page - ON Semiconductor FSA646 Datasheet HTML 6Page - ON Semiconductor FSA646 Datasheet HTML 7Page - ON Semiconductor FSA646 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FSA646
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Top Marking
Package
Top Mark
FSA646UCX
−40 to +85°C
36−Ball WLCSP, Non−JEDEC
2.43 x 2.43 mm, 0.4 mm Pitch
GS
Figure 1. Typical Application
PIN DESCRIPTIONS
Figure 2. Analog Symbol



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com