Electronic Components Datasheet Search
  English  ▼

X  

FSA880 Datasheet(PDF) 21 Page - ON Semiconductor

Part # FSA880
Description  USB Port 2:1 Switch with Accessory and Charger Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA880 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FSA880 Datasheet HTML 17Page - ON Semiconductor FSA880 Datasheet HTML 18Page - ON Semiconductor FSA880 Datasheet HTML 19Page - ON Semiconductor FSA880 Datasheet HTML 20Page - ON Semiconductor FSA880 Datasheet HTML 21Page - ON Semiconductor FSA880 Datasheet HTML 22Page - ON Semiconductor FSA880 Datasheet HTML 23Page - ON Semiconductor FSA880 Datasheet HTML 24Page - ON Semiconductor FSA880 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA880 / FSA881 • Rev. 1.0.7
20
9.9.
Programmability Tables
Table 7. I
2C Register Map
Address Register Type
Reset
Value
(12,13)
Bit 7
(14)
Bit 6
(14)
Bit 5
(14)
Bit 4
(14)
Bit 3
(14)
Bit 2
(14)
Bit 1
(14)
Bit 0
(14)
01H
Device ID
R
N/A
Revision Number
Vendor ID
02H
Control
R/W
xxx0x1x1
Switch
Open
Auto
Config
INT
Mask
03H
Interrupt
R/C
xxxxxx00
Detach
Attach
07H
ADC
R
xxx11111
ADC Value
0AH
Device
Type 1
R
x000x0xx
Dedicated
Charger
(DCP)
USB
Charger
(CDP)
Car Kit
Type 1
& TA
Charger
Standard
USB
(SDP)
0BH
Device
Type 2
R
0xxx0000
Unknown
Accessory
Jig UART
Off
Jig
UART
On
Jig USB
Off
Jig USB
On
13H
Manual
SW 1
R/W
000000xx
D- Switching
D+ Switching
14H
Manual
SW 2
R/W
xxxx00xx
BOOT
SW
JIG ON
1BH
Reset
R/W
xxxxxxx0
Reset
Notes:
12. Write “0” to undefined register bits.
13. Values read from undefined register bits are not defined and invalid.
14. Do not use undefined register locations.
Table 8. Device ID
Address: 01h
Type: Read
Bit #
Name
Size (Bits)
Description
7:3
Revision Number
5
Rev 0.0 = 00000
2:0
Vendor ID
3
000: Fairchild Semiconductor
Table 9. Control
Address: 02h
Reset Value: xxx0x1x1
Type: Read/Write
Bit #
Name
Size (Bits)
Description
7:5
DoNotUse
3
N/A
4
Switch Open
1
1: Open all switches
0: Automatic switching by accessory status
3
DoNotUse
1
N/A
2
Auto Config
1
1: Automatic switching (also called auto-configuration)
0: Manual switching
1
DoNotUse
1
N/A
0
INT Mask
1
1: Mask interrupt – do not interrupt baseband processor
0: Unmask interrupt – interrupt baseband processor on change of state in
Interrupt register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com